Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE040A Datasheet(PDF) 7 Page - Generalplus Technology Inc.

Part # GPCE040A
Description  16-bit Sound Controller with 24K x 16 ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE040A Datasheet(HTML) 7 Page - Generalplus Technology Inc.

Back Button GPCE040A Datasheet HTML 3Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 4Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 5Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 6Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 7Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 8Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 9Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 10Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 11Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
GPCE040A
© Generalplus Technology Inc.
Proprietary & Confidential
7
Oct 01, 2013
Version: 1.4
6.FUNCTIONAL DESCRIPTIONS
6.1. CPU
The GPCE040A is equipped with a 16-bit
μ’nSP™, the newest
16-bit microprocessor by Sunplus and pronounced as micro-n-SP.
Eight registers are involved in
μ’nSP™: R1 - R4 (General-purpose
registers), PC (Program Counter), SP (Stack Pointer), Base
Pointer (BP) and SR (Segment Register).
The interrupts include
three FIQs (Fast Interrupt Request) and eight IRQs (Interrupt
Request), plus one software-interrupt, BREAK.
Moreover, a high performance hardware multiplier with the
capability of FIR filter is also built in to reduce the software
multiplication loading.
6.2. Memory
6.2.1. SRAM
The amount of SRAM is 2K-word (including Stack), ranged from
$0000 through $07FF with access speed of two CPU clock cycles.
Fosc/n
n:1,2,4,8,16,32,64
b2
b1
b0
of P_System C lock(W )($7013H )
C PU clock frequency selection
CPU Clock
32768H z X'tal
b7,b6,b5 of P_System C lock(W )($7013H )
System clock frequency selection
(D efault : Fosc/8)
Phase Lock Loop
(PLL)
System C lock
generator
PLL O U T
FO SC
b7
b6
b5
24.576M H z(default)
20.48M H z
32.768M H z
40.96M H z
49.152M H z
6.2.2. ROM
The GPCE040A provides a 24K-word fast-speed ROM with
access speed of two CPU clock cycles.
6.3. PLL, Clock, Power Mode
6.3.1. PLL (Phase Lock Loop)
The purpose of PLL is to provide a base frequency (32768Hz) and
to pump the frequency from 20.48MHz to 49.152MHz for system
clock (FOSC).
The default PLL frequency is 24.576MHz.
6.3.1.1. System clock
Basically, the system clock is provided by PLL and programmed
by the Port_SystemClock (W) to determine the frequency of clock
for system.
The default system clock FOSC = 24.576MHz and
CPU clock is Fosc/8 if not specified.
The initial CPU clock is
Fosc/8 after system wakes up and to be adjusted to desired CPU
clock by programming the Port_SystemClock (W).
6.3.1.2. 32768Hz RTC
The Real Time Clock (RTC) is normally used in watch, clock or
other time related products.
A 2Hz-RTC (1/2 second) function is
loaded in GPCE040A.
The RTC counts the timing as well as to
wake CPU up whenever RTC occurs.
Since the RTC is
generated in every 0.5 seconds, time can be traced by the
numbers of RTC occurrence.
In addition, GPCE040A supports
32768Hz oscillator in normal mode and auto-power-saving mode.
In normal mode, 32768Hz OSC always runs at the highest power
consumption.
In auto-power-saving mode, however, it runs in
normal mode for the first 7.5 seconds and changes back to
power-saving mode automatically to save powers.
6.4. Standby Mode
The GPCE040A also offers a standby mode for low power
application needs.
To enter standby mode, the desired key
wakeup port(IOA[7:0]) must be configured to input first.
And read
the Port_IOA_Latch(R) to latch the IOA state before entering the
standby mode.
Also remember to enable the corresponding
interrupt source(s) for wakeup.
After that, stop the CPU clock by
writing the STOP CLOCK Register (b0~b2 of Port_SystemClock
(W)) to enter standby mode.
In such mode, SRAM and I/Os
remain in the previous states till CPU being awoken.
The
wakeup sources in GPCE040A include Port IOA7 - 0 and IRQ1 -
IRQ6.
After GPCE040A is awoken, the CPU will continue to
execute the program.
Programmer can also enable or disable
the 32768Hz OSC when CPU is in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com