Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE040A Datasheet(PDF) 22 Page - Generalplus Technology Inc.

Part # GPCE040A
Description  16-bit Sound Controller with 24K x 16 ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE040A Datasheet(HTML) 22 Page - Generalplus Technology Inc.

Back Button GPCE040A Datasheet HTML 18Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 19Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 20Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 21Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 22Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 23Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 24Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 25Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 26Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
GPCE040A
© Generalplus Technology Inc.
Proprietary & Confidential
22
Oct 01, 2013
Version: 1.4
9. PACKAGE/PAD LOCATIONS
9.1. Ordering Information
Product Number
Package Type
GPCE040A-NnnV-C
Chip form
GPCE040A-NnnV-HL04n-W
Green Package form - LQFP 80
Note1:
Code number is assigned for customer.
Note2:
Code number (N = A - Z or 0 - 9, nn = 00 - 99); version (V = A - Z).
Note3:
HL04n-W, HL04 is assign for LQFP80, n is assign for customer, W is watch dog bonding option (W=0 enable, W=1 disable).
9.2. Package information
9.2.1. LQFP 80
c
L1
E1
E
e
b
D
D1
A
A2
A1
Dimension in inch
Symbol
Min.
Typ.
Max.
A
-
-
0.063
A1
0.002
-
0.006
A2
0.053
0.055
0.057
b
0.007
0.009
0.011
c
0.004
-
0.008
D
0.551 BSC.
D1
0.472 BSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com