Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE040A Datasheet(PDF) 9 Page - Generalplus Technology Inc.

Part # GPCE040A
Description  16-bit Sound Controller with 24K x 16 ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE040A Datasheet(HTML) 9 Page - Generalplus Technology Inc.

Back Button GPCE040A Datasheet HTML 5Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 6Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 7Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 8Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 9Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 10Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 11Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 12Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 13Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
GPCE040A
© Generalplus Technology Inc.
Proprietary & Confidential
9
Oct 01, 2013
Version: 1.4
Special function in PortB
PortB
Special Function
Function Description
Note
IOB0
SCK
Serial interface clock
Refer to see SIO section
IOB1
SDA
Serial interface data
Refer to see SIO section
EXT1
External interrupt source 1(Negative-edge Triggered)
IOB2 set as input mode
IOB2
Feedback Output1
Works with IOB4 by adding a RC circuit between
them to get an OSC to EXT1 interrupt
IOB2 set as inverted output
EXT2
External interrupt source 2(Negative-edge Triggered)
IOB3 set as input mode
IOB3
Feedback Output2
Works with IOB5 by adding a RC circuit between
them to get an OSC to EXT2 interrupt
IOB3 set as inverted output
IOB4
Feedback Input1
-
-
IOB5
Feedback Input2
-
-
IOB7
Rx
UART Receiver
Refer to see UART section
IOB8
APWMO
TimerA PWM output
Refer to Timer/Counter section
IOB9
BPWMO
TimerB PWM output
Refer to Timer/Counter section
IOB10
Tx
UART Transmitter
Refer to UART section
Default state:
Pull Low
PWM:
Pulse Width Modulation
Refer to the above table, the configuration of IOB2, IOB3, IOB4,
and IOB5 involves feedback function in which an OSC frequency
can be obtained from EXT1 (EXT2) by simply adding a RC circuit
between IOB2 (IOB3) and IOB4 (IOB5).
6.8. Timer/Counter
The GPCE040A provides two 16-bit timers/counters, TimerA and
TimerB.
The TimerA is called a universal counter.
TimerB is a
general-purpose counter.
The clock source of TimerA comes
from the combination of clock source A and clock source B.
In
TimerB, the clock source is given from source C.
When timer
overflows, an INT signal is sent to CPU to generate a time-out
signal.
Clock of Source A
Clock of Source B
Clock of Source C
Fosc/2
2048Hz
Fosc/2
Fosc/256
1024Hz
Fosc/256
32768Hz
256Hz
32768Hz
8192Hz
TMB1
8192Hz
4096Hz
4Hz
4096Hz
1
2Hz
1
0
1
0
EXT1
EXT2
EXT1
Initially, write a value of N into a timer and select a desired clock
source, timer will start counting from N, N+1, N+2,... through FFFF.
An INT (TimerA/TimerB) signal is generated at the next clock after
reaching “FFFF” and the INT signal is transmitted to INT controller
for further processing.
At the same time, N will be reloaded into
timer and start all over again.
The clock source A is a high
frequency source and clock source B is a low frequency source.
The combination of clock source A and B provides a variety of
speeds to TimerA.
A “1” represents pass signal and not gating.
In contrast, “0” indicates deactivating timer.
The EXT1 and EXT2
are the external clock sources.
Moreover, counter can generate
time-out signal for input clock source to a four bits (16 levels)
PWM pulse width counter.
A variety of clock duration can be
generated
and
exported
from
IOB8
(APWMO)
and
IOB9
(BPWMO).
The following example is a 3/16-duration cycle.
The APWMO
waveform
is
made
by
selecting
a
pulse
width
through
Port_TimerA_Ctrl (W) [9:6].
As a result, each 16 cycles will
generate a pulse width defined in control port.
These PWM
signals can be applied for controlling the speed of motor or other
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com