Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE040A Datasheet(PDF) 26 Page - Generalplus Technology Inc.

Part # GPCE040A
Description  16-bit Sound Controller with 24K x 16 ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE040A Datasheet(HTML) 26 Page - Generalplus Technology Inc.

Back Button GPCE040A Datasheet HTML 18Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 19Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 20Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 21Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 22Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 23Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 24Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 25Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 26Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
GPCE040A
© Generalplus Technology Inc.
Proprietary & Confidential
26
Oct 01, 2013
Version: 1.4
11. REVISION HISTORY
Date
Revision #
Description
Page
OCT. 01, 2013
1.4
Add COMAIR logo to the cover page
OCT. 12, 2010
1.3
Modify 3. FEATURES
4
MAY 23, 2008
1.2
Modify 8. APPLICATION CIRCUITS.
16-21
JUL. 04,2006
1.1
1. Modify the 9.2 Ordering Information.
2. Delete the 9.3.2 PLCC84.
3. Modify the 8. APPLICATION CIRCUITS.
21
24
15-20
DEC. 14, 2005
1.0
Original
Note: The GPCE040A data sheet v1.0 is a continued version of SPCE040A data sheet v0.4.
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com