Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M16IP-EKB Datasheet(PDF) 119 Page - Nanya Technology Corporation.

Part # NT5CB128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP-EKB Datasheet(HTML) 119 Page - Nanya Technology Corporation.

Back Button NT5CB128M16IP-EKB Datasheet HTML 115Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 116Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 117Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 118Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 119Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 120Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 121Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 122Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 123Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 162 page
background image
Version 2.1
119
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
ODT Temperature and Voltage sensitivity
If temperature and/or voltage after calibration, the tolerance limits widen according to the following table.
Delta T = T - T(@calibration); Delta V = VDDQ - VDDQ(@calibration); VDD = VDDQ
ODT Sensitivity Definition
Min.
Max.
Unit
RTT
0.9
– dRTTdT * l△Tl – dRTTdV * l△Vl
1.6 + dRTTdT * l△Tl + dRTTdV * l△Vl
RZQ/2,4,6,8,12
ODT Voltage and Temperature Sensitivity
Min.
Max.
Unit
dRTTdT
0
1.5
%/
C
dRTTdV
0
0.15
%/mV
Note: These parameters may not be subject to production test. They are verified by design and characterization.
Test Load for ODT Timings
Different than for timing measurements, the reference load for ODT timings is defined in the following figure.
Vtt =
25 Ohm
CK ,
VDDQ
DUT
Timing Reference Points
VSSQ
RTT=
DQ , DM
DQS , 
TDQS ,
T
VSSQ

ODT Timing Reference Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com