Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M16IP-EKB Datasheet(PDF) 123 Page - Nanya Technology Corporation.

Part # NT5CB128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP-EKB Datasheet(HTML) 123 Page - Nanya Technology Corporation.

Back Button NT5CB128M16IP-EKB Datasheet HTML 119Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 120Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 121Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 122Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 123Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 124Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 125Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 126Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 127Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 162 page
background image
Version 2.1
123
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Input/Output Capacitance
Parameter
Symbol
800
1066
1333
1600
1866
2133
Unit
Notes
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Input/output capacitance
(DQ, DM, DQS,
,
TDQS,
T)
CIO
(DDR3)
1.4
3.0
1.4
2.7
1.4
2.5
1.4
2.3
1.4
2.2
1.4
2.1
pF
1,2,3
CIO
(DDR3L)
1.4
2.5
1.4
2.5
1.4
2.3
1.4
2.2
1.4
2.1
-
-
pF
1,2,3
Input capacitance, CK and

CCK
0.8
1.6
0.8
1.6
0.8
1.4
0.8
1.4
0.8
1.3
0.8
1.3
pF
2,3
Input capacitance delta, CK and

CDCK
0
0.15
0
0.15
0
0.15
0
0.15
0
0.15
0
0.15
pF
2,3,4
Input/output capacitance delta
DQS and

CDDQS
0
0.15
0
0.15
0
0.15
0
0.15
0
0.15
0
0.15
pF
2,3,5
Input capacitance,
(CTRL, ADD,CMD input-only pins)
CI
(DDR3)
0.75
1.4
0.75
1.35
0.75
1.3
0.75
1.3
0.75
1.2
0.75
1.2
pF
2,3,6
CI
(DDR3L)
0.75
1.3
0.75
1.3
0.75
1.3
0.75
1.2
0.75
1.2
-
-
pF
2,3,6
Input capacitance delta,
(All CTRL input-only pins
CDI_CTRL
-0.5
0.3
-0.5
0.3
-0.4
0.2
-0.4
0.2
-0.4
0.2
-0.4
0.2
pF
2,3,7,8
Input capacitance delta,
(All ADD/CMD input-only pins)
CDI_ADD_
CMD
-0.5
0.5
-0.5
0.5
-0.4
0.4
-0.4
0.4
-0.4
0.4
-0.4
0.4
pF
2,3,9,
10
Input/output capacitance delta, DQ,
DM, DQS,
, TDQS, T
CDIO
-0.5
0.3
-0.5
0.3
-0.5
0.3
-0.5
0.3
-0.5
0.3
-0.5
0.3
pF
2,3,11
Input/output capacitance of ZQ pin
CZQ
-
3
-
3
-
3
-
3
-
3
-
3
pF
2,3,12
NOTE 1. Although the DM, TDQS and
T pins have different functions, the loading matches DQ and DQS
NOTE 2. This parameter is not subject to production test. It is verified by design and characterization. The capacitance is measured
according to JEP147(“PROCEDURE FOR MEASURING INPUT CAPACITANCE USING A VECTOR NETWORK ANALYZER(VNA)”)
with VDD, VDDQ, VSS, VSSQ applied and all other pins floating (except the pin under test, CKE,
REET and ODT as necessary).
VDD=VDDQ=1.5V, VBIAS=VDD/2 and ondie termination off.
NOTE 3. This parameter applies to monolithic devices only; stacked/dual-die devices are not covered here
NOTE 4. Absolute value of CCK-

NOTE 5. Absolute value of CIO(DQS)-CIO(
)
NOTE 6. CI applies to ODT,
, CKE, A0-A14, BA0-BA2, RA, A, WE.
NOTE 7. CDI_CTRL applies to ODT,
 and CKE
NOTE 8. CDI_CTRL=CI(CTRL)-0.5*(CI(CLK)+CI(
L))
NOTE 9. CDI_ADD_CMD applies to A0-A14, BA0-BA2,
RA, A and WE
NOTE 10. CDI_ADD_CMD=CI(ADD_CMD) - 0.5*(CI(CLK)+CI(
L))
NOTE 11. CDIO=CIO(DQ,DM) - 0.5*(CIO(DQS)+CIO(
))
NOTE 12. Maximum external load capacitance on ZQ pin: 5 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com