Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M16IP-EKB Datasheet(PDF) 124 Page - Nanya Technology Corporation.

Part # NT5CB128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP-EKB Datasheet(HTML) 124 Page - Nanya Technology Corporation.

Back Button NT5CB128M16IP-EKB Datasheet HTML 120Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 121Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 122Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 123Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 124Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 125Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 126Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 127Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 128Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 162 page
background image
Version 2.1
124
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
DDR3L IDD Currents
Symbol
Parameter/Condition
DDR3L-1600
(11-11-11)
DDR3L-1866
(13-13-13)
Unit
X8
X16
X8
X16
IDD0
Operating Current 0
One Bank Activate-> Precharge
62
67
67
72
mA
IDD1
Operating Current 1
One Bank Activate-> Read-> Precharge
71
76
76
81
mA
IDD2P0
Precharge Power-Down Current
Slow Exit - MR0 bit A12 = 0
11
12
11
12
mA
IDD2P1
Precharge Power-Down Current
Fast Exit - MR0 bit A12 = 1
20
23
mA
IDD2Q
Precharge Quiet Standby Current
32
37
mA
IDD2N
Precharge Standby Current
32
37
mA
IDD2NT
Precharge Standby ODT Current
37
40
42
45
mA
IDD3P
Active Power-Down Current
Always Fast Exit
32
37
mA
IDD3N
Active Standby Current
42
45
47
50
mA
IDD4R
Operating Current Burst Read
140
150
150
160
mA
IDD4W
Operating Current Burst Write
145
155
155
165
mA
IDD5B
Burst Refresh Current
135
140
mA
IDD6TC 1
(RS -DIB)
Self-Refresh Current:
Room Temperature Range
3
3
mA
IDD6 2
Self-Refresh Current
Normal
11
12
11
12
mA
IDD6ET 3
Self-Refresh Current:
Extended
14
14
mA
IDD7
All Bank Interleave Read Current
210
220
220
230
mA
IDD8
Reset Low Current
13
13
mA
NOTE 1
IDD6TC (RS-DIB):TC ≤ Room Temperature; SRT is disabled, ASR is enabled. Value is maximum.
NOTE 2
IDD6: SRT is ‘Normal’, ASR is disabled. Value is maximum.
- Commercial Grade = 0℃~85℃
- Quasi Industrial Grade (-T) = -40℃~85℃
- Industrial Grade (-I) = -40℃~85℃
- Automotive Grade 2 (-H) = -40℃~85℃
- Automotive Grade 3 (-A) = -40℃~85℃
NOTE 3
IDD6ET: SRT is ‘Extended’, ASR is disabled. Value is maximum.
- Commercial Grade = 0℃~95℃
- Quasi Industrial Grade (-T) = -40℃~95℃
- Industrial Grade (-I) = -40℃~95℃
- Automotive Grade 2 (-H) = -40℃~105℃
- Automotive Grade 3 (-A) = -40℃~95℃
NOTE 4
IDD will be derated (increased) when above 95℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com