Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M16IP-EKB Datasheet(PDF) 120 Page - Nanya Technology Corporation.

Part # NT5CB128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP-EKB Datasheet(HTML) 120 Page - Nanya Technology Corporation.

Back Button NT5CB128M16IP-EKB Datasheet HTML 116Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 117Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 118Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 119Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 120Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 121Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 122Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 123Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 124Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 162 page
background image
Version 2.1
120
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
ODT Timing Definitions
Definitions for tAON, tAONPD, tAOF, tAOFPD, and tADC are provided in the following table and subsequent figures.
Symbol
Begin Point Definition
End Point Definition
tAON
Rising edge of CK -
 defined by the end point of ODTLon
Extrapolated point at VSSQ
tAONPD
Rising edge of CK -
 with ODT being first registered high
Extrapolated point at VSSQ
tAOF
Rising edge of CK -
 defined by the end point of ODTLoff
End point: Extrapolated point at VRTT_Nom
tAOFPD
Rising edge of CK -
 with ODT being first registered low
End point: Extrapolated point at VRTT_Nom
tADC
Rising edge of CK -
 defined by the end point of ODTLcnw,
ODTLcwn4, or ODTLcwn8
End point: Extrapolated point at VRTT_Wr and
VRTT_Nom respectively
Reference Settings for ODT Timing Measurements
Parameter
RTT_Nom
RTT_Wr
DDR3
DDR3L
VSW1[V]
VSW2[V]
VSW1[V]
VSW2[V]
tAON
RZQ/4
NA
0.05
0.10
0.05
0.10
RZQ/12
NA
0.10
0.20
0.10
0.20
tAONPD
RZQ/4
NA
0.05
0.10
0.05
0.10
RZQ/12
NA
0.10
0.20
0.10
0.20
tAOF
RZQ/4
NA
0.05
0.10
0.05
0.10
RZQ/12
NA
0.10
0.20
0.10
0.20
tAOFPD
RZQ/4
NA
0.05
0.10
0.05
0.10
RZQ/12
NA
0.10
0.20
0.10
0.20
tADC
RZQ/12
RZQ/2
0.20
0.30
0.20
0.25
Definition of tAON
tAON
Tsw2
Tsw1
Vsw1
Vsw2
VSSQ
VTT
DQ, DM
DQS, DQS#
TDQS, TDQS#
End point: Extrapolated point at VSSQ
CK
CK#
Begin point: Rising edge of CK
– CK#
Defined by the end point of ODTLon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com