Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M16IP-EKB Datasheet(PDF) 125 Page - Nanya Technology Corporation.

Part # NT5CB128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP-EKB Datasheet(HTML) 125 Page - Nanya Technology Corporation.

Back Button NT5CB128M16IP-EKB Datasheet HTML 121Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 122Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 123Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 124Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 125Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 126Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 127Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 128Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 129Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 162 page
background image
Version 2.1
125
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
DDR3 IDD Currents
Symbol
Parameter/Condition
DDR3-1600
(11-11-11)
DDR3-1866
(13-13-13)
DDR3-2133
(14-14-14)
Unit
X8
X16
X8
X16
X8
X16
IDD0
Operating Current 0
One Bank Activate -> Precharge
65
70
70
75
75
80
mA
IDD1
Operating Current 1
One Bank Activate-> Read-> Precharge
75
80
80
85
85
90
mA
IDD2P0
Precharge Power-Down Current
Slow Exit - MR0 bit A12 = 0
12
15
12
15
12
16
mA
IDD2P1
Precharge Power-Down Current
Fast Exit - MR0 bit A12 = 1
22
25
28
mA
IDD2Q
Precharge Quiet Standby Current
35
40
45
mA
IDD2N
Precharge Standby Current
35
40
45
mA
IDD2NT
Precharge Standby ODT Current
40
43
45
48
50
53
mA
IDD3P
Active Power-Down Current
Always Fast Exit
35
40
45
mA
IDD3N
Active Standby Current
45
55
50
53
55
58
mA
IDD4R
Operating Current Burst Read
145
155
150
160
165
175
mA
IDD4W
Operating Current Burst Write
150
160
160
170
170
180
mA
IDD5B
Burst Refresh Current
145
145
150
155
mA
IDD6 1
Self-Refresh Current
Normal
12
12
15
12
15
mA
IDD6ET 2
Self-Refresh Current
Extended
15
17
15
17
15
17
mA
IDD7
All Bank Interleave Read Current
230
240
240
250
250
260
mA
IDD8
Reset Low Current
14
mA
NOTE 1
IDD6: SRT is ‘Normal’, ASR is disabled. Value is maximum.
- Commercial Grade = 0℃~85℃
- Quasi Industrial Grade (-T) = -40℃~85℃
- Industrial Grade (-I) = -40℃~85℃
- Automotive Grade 2 (-H) = -40℃~85℃
- Automotive Grade 3 (-A) = -40℃~85℃
NOTE 2
IDD6ET: SRT is ‘Extended’, ASR is disabled. Value is maximum.
- Commercial Grade = 0℃~95℃
- Quasi Industrial Grade (-T) = -40℃~95℃
- Industrial Grade (-I) = -40℃~95℃
- Automotive Grade 2 (-H) = -40℃~105℃
- Automotive Grade 3 (-A) = -40℃~95℃
NOTE 3
IDD will be derated (increased) when above 95℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com