Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPLB30A Datasheet(PDF) 12 Page - Generalplus Technology Inc.

Part # GPLB30A
Description  LCD CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPLB30A Datasheet(HTML) 12 Page - Generalplus Technology Inc.

Back Button GPLB30A Datasheet HTML 8Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 9Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 10Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 11Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 12Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 13Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 14Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 15Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 16Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
GPLB30A
© Generalplus Technology Inc.
Proprietary & Confidential
12
JAN. 07, 2008
Version: 1.4
7.3. The Relationships between the ROSC and the FCPU
7.3.1. VDD = 3.0V, TA = 25℃
0
2000
4000
6000
0
500
1000
1500
2000
2500
3000
Rosc(KOhm)
7.3.2. VDD = 4.5V, TA 25℃
0
1000
2000
3000
4000
5000
6000
0
500
1000
1500
2000
2500
3000
Rosc(KOhm)
7.4. The Relationships between the FCPU and the VDD
0
1000
2000
3000
4000
5000
234
5
6
Vdd
7.5. The Relationships between the FCPU and the IOP
7.5.1. When VDD = 4.5V
Vdd=4.5
0
0.5
1
1.5
2
2.5
3
0
1000
2000
3000
4000
Fosc (KHz)
Fosc/1
Fosc/2
Fosc/4
Fosc/8
Fosc/16
Fosc/32
Fosc/64
7.6. The Relationships between the FCPU and the IOP
7.6.1. When VDD = 3.0V
Vdd=3
0
0.5
1
1.5
2
0
1000
2000
3000
4000
Fosc(KHz)
Fosc/1
Fosc/2
Fosc/4
Fosc/8
Fosc/16
Fosc/32
Fosc/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com