Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPLB30A Datasheet(PDF) 20 Page - Generalplus Technology Inc.

Part # GPLB30A
Description  LCD CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPLB30A Datasheet(HTML) 20 Page - Generalplus Technology Inc.

Back Button GPLB30A Datasheet HTML 12Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 13Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 14Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 15Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 16Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 17Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 18Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 19Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 20Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
GPLB30A
© Generalplus Technology Inc.
Proprietary & Confidential
20
JAN. 07, 2008
Version: 1.4
11. REVISION HISTORY
Date
Revision #
Description
Page
JAN. 07, 2008
1.4
Modify the diagrams in section 8. APPLICATION CIRCUITS.
13 - 17
DEC. 12, 2006
1.3
Modify the description to section 6.12.
8
DEC. 12, 2005
1.2
1. Modify port C shared pin to section 4 and 5.
2. Modify the descriptions to section 6.1 and 8.
2, 3
4, 10
APR. 18, 2005
1.1
1. Modify application circuit:
(1) A capacitor with 30pF should be added on the net ROSC pin. The pictures should be
modified are located at the section 8. application circuits.
2. Correct pin type in section 5
3. Correct dedicated LCD RAM: 148 to 140
10 - 14
2
1
MAR. 10, 2005
1.0
Original
Note: The GPLB30A data sheet v1.0 is a continued version of SPLB30A data sheet v0.5.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com