Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPLB30A Datasheet(PDF) 11 Page - Generalplus Technology Inc.

Part # GPLB30A
Description  LCD CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPLB30A Datasheet(HTML) 11 Page - Generalplus Technology Inc.

Back Button GPLB30A Datasheet HTML 7Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 8Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 9Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 10Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 11Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 12Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 13Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 14Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 15Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
GPLB30A
© Generalplus Technology Inc.
Proprietary & Confidential
11
JAN. 07, 2008
Version: 1.4
7. ELECTRICAL SPECIFICATIONS
7.1. Absolute Maximum Ratings
Characteristics
Symbol
Ratings
DC Supply Voltage
V+
< 7.0V
Input Voltage Range
VIN
-0.5V to V+ + 0.5V
Operating Temperature
TA
0℃ to + 60℃
Storage Temperature
TSTO
-50℃ to + 150℃
Note: Stresses beyond those given in the Absolute Maximum Rating table may cause operational errors or damage to the device.
For normal operational
conditions, see AC/DC Electrical Characteristics.
7.2. DC Characteristics
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
2.4
-
3.6
V
For 2-battery
Operating Voltage
VDD
3.6
-
5.5
V
For 3-battery
Operating Current
IOP
-
600
-
μA
FCPU = 1.0MHz @ 3.0V
FOSC = 4.0MHz, no load
Halt Current
IHALT1
-
18
-
μA
VDD = 3.0V, 32K X’tal ON,
Maximum VLCD, Strobe on,
Pump clock =32KHZ, no LCD panel
Halt Current
IHALT2
-
9.0
-
μA
VDD = 3.0V, 32K X’tal ON,
Maximum VLCD, Strobe off,
Pump clock =4KHZ, no LCD panel
Standby Current
ISTBY
-
-
1.0
μA
VDD = 3.0V, all off
-
-20
-
mA
VDD = 3.0V, VOH = 2.5V
Audio Output Current
IOH
-
-40
-
mA
VDD = 3.0V, VOH = 2.0V
-
20
-
mA
VDD = 3.0V, VOL = 0.5V
Audio Output Current
IOL
-
40
-
mA
VDD = 3.0V, VOL = 1.0V
Input High Level
VIH
2.0
-
-
V
VDD = 3.0V
Input Low Level
VIL
-
-
0.8
V
VDD = 3.0V
Output High Current (I/O)
IOH
-1.0
-
-
mA
VDD = 3.0V, VOH = 2.4V
Output Sink Current (I/O)
IOL
1.0
-
-
mA
VDD = 3.0V, VOL = 0.8V
LCD Driver Voltage
(VLCD - VSS)
VLCD
2.45
-
5.75
V
VDD = 3.0V, 1/5 bias, no load
-
2.5
-
-
2.6
-
-
2.7
-
Regulator Output Voltage
VREG
-
3.0
-
V
Output voltage is selected by bonding
option
Regulator Output Voltage Drop
VRDROP
-
-
100
mV
IL = 1.0mA, VDD = 3.6V
OSC Resistor
ROSC
-
200K
-
Ω
FOSC = 2.0MHz @ 3.0V
-
-
4.0
MHz
FCPU = FOSC/1 @ 2.4V
CPU Clock
FCPU
-
-
5.0
MHz
FCPU = FOSC/1 @ 3.6V
Note: VLCD should be higher than VDD to prevent forward biasing the p-n junction of I/O output PMOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com