Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPLB30A Datasheet(PDF) 10 Page - Generalplus Technology Inc.

Part # GPLB30A
Description  LCD CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPLB30A Datasheet(HTML) 10 Page - Generalplus Technology Inc.

Back Button GPLB30A Datasheet HTML 6Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 7Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 8Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 9Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 10Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 11Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 12Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 13Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 14Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
GPLB30A
© Generalplus Technology Inc.
Proprietary & Confidential
10
JAN. 07, 2008
Version: 1.4
is enabled, the WDT should be cleared every 0.5 second to avoid
accidental reset.
The WDT can be cleared through software
programming.
Note that the WDT only works when 32768Hz
clock is activated.
6.15. Bonding Options
6.15.1. Voltage regulator
− Enable
− Disable
6.15.2. Regulator output selection
− 2.5V
− 2.6V
− 2.7V
− 3.0V
Figure1: Bonding option for regulator Enable/Disable
Figure2: Bonding option for regulator output voltage select
6.16. Mask Options
6.16.1. 32768 oscillator
− X’TAL
− R-oscillator
6.16.2. Watchdog timer
− Enable
− Disable
6.16.3. PA[5:7]/SEG[69:67]
Each port/segment can be optioned as I/O or LCD segment
individually.
6.16.4. PA[2:3]/Tx,Rx/SEG[66:65]
Each port/segment can be optioned as I/O or LCD segment
individually.
VSS
BOPT2
BOPT2 = 0
Regulator disable
VSS
BOPT2
BOPT2 = 1
Regulator enable
PCB
IC
6.16.5. PB[0:7]/SEG[64:57]
Each port/segment can be optioned as I/O or LCD segment
individually.
6.16.6. PC[4:7]/SEG[56:53]
Each port/segment can be optioned as I/O or LCD segment
individually.
6.16.7. PD[0:4]/SEG[52:48]
Each port/segment can be optioned as I/O or LCD segment
individually.
PVDD
BOPT1 = 0
BOPT0 = 0
VREG = 2.5V
VDD
PVDD
BOPT1= 0
BOPT0 = 1
VREG = 2.6V
VDD
PVDD
BOPT0
BOPT1 = 1
BOPT0 = 0
VREG = 2.7V
VDD
BOPT1
PVDD
BOPT0
BOPT1 = 1
BOPT0 = 1
VREG = 3.0V
VDD
BOPT1
BOPT0
BOPT1
BOPT0
BOPT1
IC
PCB
IC
PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com