Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPLB30A Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPLB30A
Description  LCD CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPLB30A Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPLB30A Datasheet HTML 1Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 2Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 3Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 4Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 5Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 6Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 7Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 8Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
GPLB30A
© Generalplus Technology Inc.
Proprietary & Confidential
4
JAN. 07, 2008
Version: 1.4
4. BLOCK DIAGRAM
RC-Oscillator
System Clock Gen.
Power Supply
Voltage Detect
96K bytes
ROM
2752
bytes
RAM
Two 16-bit /
Auto-reload
Timers
32 KHz
Oscillator
&
Time
base
8-bit
micro-
processor
UART
PWM Driver
Max.29
I/O Ports
16 Commons X 70 Segments LCD Driver
32KHz
ROSC
Rx/PC3
Tx/PC2
AUDA
COM[15:0]
SEG[69:0]
LCD RAM 148 bytes
ROSC32
AUDB
Serial SRAM
I/F
SDA/PC1
SCK/PC0
BUS Mem I/F
MC[1:0]/PC[1:0]
AD[7:0]/PB[7:0]
8
2
PA[7:0]
(I/O)
PB[7:0]
PC[7:0]
PD[4:0]
5
8
8
8
Voltage
Regulator
VROUT
Note1: PA[5:7] share pins with SEG[69:67] (mask option).
Note2: PB[0:7] share pins with SEG[64:57] (mask option).
Note3: PC[0:1] share pins with Bus memory interface MC[0:1].
Also share pins with Serial SRAM interface SCK/SDA.
Note4:PC[2:3] share pins with UART Tx/Rx. Also share pins with SEG[66:65].
Note5: PC[4:7] share pins with SEG[56:53] (mask option).
Note6: PD[0:4] share pins with SEG[52:48] (mask option).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com