Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPLB30A Datasheet(PDF) 13 Page - Generalplus Technology Inc.

Part # GPLB30A
Description  LCD CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPLB30A Datasheet(HTML) 13 Page - Generalplus Technology Inc.

Back Button GPLB30A Datasheet HTML 9Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 10Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 11Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 12Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 13Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 14Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 15Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 16Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 17Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
GPLB30A
© Generalplus Technology Inc.
Proprietary & Confidential
13
JAN. 07, 2008
Version: 1.4
8. APPLICATION CIRCUITS
8.1. 1040 Dots LCD Driver, 65 Segments × 16 Commons, 1/5 Bias with External Serial SRAM, Regulator Disabled- (1)
GPLB30A
LCD Panel (16x65)
SEG0
SEG1
SEG14
SEG2
SEG15
PA1
PA2
PA3
PA4
PA5
.....
.....
.....
.....
.....
V1
V2
V3
V4
CUP2
CUP1
CUP3
CUP4
VDD
VDD
VSS
SCK
SDA
CSB
PC1/SDA
PC0/SCK
PA7
VDD
GPRS512C
VLCD
.....
.....
PA6
VROUT
*1
VDD
RESET
PVDD
PVSS
AUDB
X32I
X32O
AUDA
VDD
30pF
C
*3
C
C
C
C
C
C
4.7
μF0.1μF
20pF
*2
20pF
*2
0.1
μF
Note*1: Pin VROUT should be connected to VDD if internal Regulator is disabled.
Note*2: These capacitor values are for design guidance only.
Different capacitor values may be required for different crystal/resonator used.
Note*3: The value of the capacitance(C) would range from 0.1
μF to 4.7μF to stable the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com