Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPLB30A Datasheet(PDF) 9 Page - Generalplus Technology Inc.

Part # GPLB30A
Description  LCD CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPLB30A Datasheet(HTML) 9 Page - Generalplus Technology Inc.

Back Button GPLB30A Datasheet HTML 5Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 6Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 7Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 8Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 9Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 10Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 11Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 12Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 13Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
GPLB30A
© Generalplus Technology Inc.
Proprietary & Confidential
9
JAN. 07, 2008
Version: 1.4
pins: MC1, MC0 and AD BUS[7:0] which shared pin with port B.
Before using the Bus memory interface, users should set MEXT=1
($03.7) and BANK register ($0), then access address $4000-BFFF
to read or write data from external bus memory.
Note that when
using Bus memory interface, CPU clock setting can not be set as
FOSC/1, should be /2 or slower.
MC1
MC0
AD BUS [7:0]
L
L
Data for Write
L
H
Data for Read
H
L
AL (Address Low byte)
H
H
AH (Address High byte)
The simple timing relation is as follows:
6.10. Voltage Regulator
The GPLB30A offers a voltage regulator, which supplies power
source for external memory devices.
The voltage regulator can
output four voltage levels, 2.5V/2.6V/2.7V/3.0V via bonding option.
The output voltage level should be properly selected based on the
electrical characteristics of external memory devices involved.
6.11. Asynchronous Serial Interface (UART)
The
GPLB30A
supports
a
1-channel
UART
for
serial
communications.
The bit-rate is up to 115.2kbps.
UART
operation
is
controlled
by
UART
command
registers.
Configurations such as Tx/Rx interrupt, parity check, parity
even/odd and clock source can be configured in the command
registers.
Two interrupts are generated by Rx and Tx.
The Rx
or Tx interrupt activates when a byte is received or transmitted.
Reading the status register informs whether the interrupt is
generated by Rx or Tx.
Frame, overrun and parity errors are
detected as each byte is received and all error status can be read
from status register.
The UART supports clock auto calibration.
If auto calibration is
selected, standard baud rate from 1.2kbps to 115.2kbps are
available.
The baud rate is selected by writing to the baud rate
control registers.
The supported baud rates and their minimum
R-oscillator clock frequency requirements are shown in the table
below.
Baud Rate(bps)
Min. Frosc(Hz)
1200
24000
2400
48000
4800
96000
9600
192000
19200
384000
38400
768000
51200
1024000
57600
1152000
102400
2048000
115200
2304000
MC0
Read Cycle:
MC1
AD
AH
AL
DATA for read
Write Cycle:
MC0
MC1
AD
AH
AL
DATA for read
If the auto calibration is not selected, users can get desired baud
rates by writing appropriate values to pre-scalar registers.
Non-standard baud rates can be obtained by this method.
In the
non-calibration
mode,
users
should
understand
that
the
R-oscillator frequency may alter due to manufacturing process
variations, supply voltage, operating temperature and tolerance of
external R components used.
6.12. Low Voltage Detection
The GPLB30A provides an 8-level (Software programmable) low
voltage detector to detect low voltage events.
Users can turn on
the low detection to monitor VDD periodically to check if it is lower
than the given value.
In addition, if LV NMI is enabled, a NMI will
be issued to notify CPU if power voltage drops below the given
value.
Also, the voltage detector will generate a system reset if
power supply voltage drops below 2.2V.
When LVR function is
enabled, care must be taken not to turn off 32kHz crystal oscillator.
Otherwise an unexpected reset may occur when 32kHz crystal is
being turned on again.
6.13. Key Scan Function
GPLB30A supports key scan function.
The LCD driver will
generate a key strobe signal in the period of every common.
When PA received this strobe signal, a wake-up is issued.
Then
users can send the key scan signal through SEG[15:0] to
determine the location of the depressed key.
6.14. Watchdog Timer (WDT)
An on chip watchdog timer is also available in the GPLB30A.
The WDT is designed to recover the system from abnormal
operation.
In some cases, if WDT is not cleared for one second,
the WDT will generate a system reset to restart system.
If WDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com