Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPLB30A Datasheet(PDF) 5 Page - Generalplus Technology Inc.

Part # GPLB30A
Description  LCD CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPLB30A Datasheet(HTML) 5 Page - Generalplus Technology Inc.

  GPLB30A Datasheet HTML 1Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 2Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 3Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 4Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 5Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 6Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 7Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 8Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
GPLB30A
© Generalplus Technology Inc.
Proprietary & Confidential
5
JAN. 07, 2008
Version: 1.4
5. SIGNAL DESCRIPTIONS
Total: 114 pins
Mnemonic
PIN No.
Type
Description
SEG11 - 0
SEG47 - 12
SEG69 - 67 / PA5 - 7
SEG66 - 65 / PC2 - 3 / Tx, Rx
SEG64 - 57 / PB0 - 7
SEG56 - 53 / PC4 - 7
SEG52 - 48 / PD0 - 4
1 - 12
79 - 114
57 - 59
60 - 61
62 - 69
70 - 73
74 - 78
O
O
I/O
I/O
I/O
I/O
I/O
LCD driver segment output. SEG15 - 0 share pin with key scan port.
SEG69 - 67 optioned to PA5 - 7.
SEG66 - 65 optioned to PC2/Tx, PC3/Rx.
SEG64 - 57 optioned to PB0 - 7.
SEG56 - 53 optioned to PC4 - 7(PortC 4, 5 shared with Ext-I, Ext-ck).
SEG52 - 48 optioned to PD0 - 4.
COM15 - 0
28 - 13
O
LCD driver common output.
PA4 - 0
56 - 52
I/O
Port A is a bi-directional I/O port, which can be software programmed as wake up
I/O.
PC0 / MC0 / SCK
PC1 / MC1 / SDA
48
47
I/O
Port C is a bi-directional I/O port.
Share pin with Bus Extender MC1 - 0.
Also
share pin with SDA/SCK.
ROSC
34
I
R-oscillator input, connect to VDD through a resistor.
RESET
33
I
System reset input, low active.
AUDA, AUDB
32, 30
O
PWM audio output.
X32I
37
I
32.768KHz crystal input or connects to VDD through a resistor (option).
X32O
36
O
32.768KHz crystal output.
TEST
35
I
Test input.
VROUT
48
P
Internal regulator output.
Enable or disable via bonding option.
Should be connected to VDD if internal Regulator is disabled.
CUP4 - 1
42 - 39
P
LCD voltage generation.
Charge pump capacitor inter-connection pins.
VLCD
51
P
LCD voltage generation.
V4 - 1
46 - 43
P
LCD voltage generation.
VDD
50
P
Power supply voltage input.
VSS
38
P
Ground reference.
PVDD
31
P
PWM driver power.
PVSS
29
P
PWM driver ground reference.
BOPT0
BOPT1
31A
50A
B
Internal regulator output voltage select option pin (internally pull-low)*.
BOPT2
38A
B
Internal regulator enable/disable option pin (internally pull-high)*.
Legend: I = Input, O = Output, P = Power, B = Bonding option
Note*: See bonding option section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com