Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPLB30A Datasheet(PDF) 8 Page - Generalplus Technology Inc.

Part # GPLB30A
Description  LCD CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPLB30A Datasheet(HTML) 8 Page - Generalplus Technology Inc.

Back Button GPLB30A Datasheet HTML 4Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 5Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 6Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 7Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 8Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 9Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 10Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 11Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 12Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
GPLB30A
© Generalplus Technology Inc.
Proprietary & Confidential
8
JAN. 07, 2008
Version: 1.4
The following figure is the GPLB30A state diagram:
GPLB30A State Diagram
6.4. Speech and Melody
For speech synthesis, the GPLB30A provides several timer
interrupts for a precise sampling frequency.
The sound data can
be stored into ROM and be played back.
Several algorithms are
recommended for high fidelity and good compression of sound
such as PCM and ADPCM.
For melody synthesis, the GPLB30A provides a dual tone mode.
Once in the dual tone mode, users only need to program the tone
frequency for each channel by writing to the timer/counter TM0
and TM1, and set the envelope of each channel.
The hardware
will toggle the tone wave automatically.
6.5. LCD Controller/Driver
The GPLB30A contains an 1120-dot LCD controller/driver.
A
programmer is able to define the LCD configuration by setting up
the LCD Control Register.
Once the LCD configuration is
completed, the desired pattern can be displayed by filling the LCD
buffer with proper data.
The LCD driver can also operate during
sleep by keeping 32768 oscillator running.
The LCD driver in
GPLB30A supports 1/16 duty and 1/5 bias.
6.6. LCD Voltage Generation
The GPLB30A offers a voltage regulator and a charge-pumping
circuit.
The voltage regulator provides a reference voltage (V2)
for the charge-pumping circuit to generate VLCD.
Users can get
the desired VLCD by changing the output reference voltage
(writing to register) of the voltage regulator.
Enabling the voltage
regulator and charge-pumping circuit gets a stable VLCD that will
not be affected by VDD.
The VLCD is adjustable from 2.45V to
5.75V with 32 levels.
6.7. PWM Output
Internally, the GPLB30A has a pair of PWM drivers, supporting two
sound channels.
Each channel is able to play speech or tone
individually.
The PWM drivers can directly drive speaker or
buzzer without buffer or amplification circuit.
HALT
OPERATING
STANDBY
Write $07h to
CPU_Clk_Ctrl register,
32768 oscillator OFF
Wake-up or user reset
6.8. Serial SRAM Interface
The Serial SRAM interface is able to expand the data storage
SRAM.
The Control Registers are ranged from $30-$36.
Note
that The pins of SDA and SCK are shared with PC [1:0] and
therefore, users should set PC[1:0] as Serial SRAM interface by
writing to Port $27[1:0].
SDA
SCK
change of data
allowed
data line
stable;
data valid
START condition (S)
SDA
SCK
STOP condition (P)
6.8.1. Read/Write timing
R/W A23
D7
A0
D6 D5 D4 D3 D2 D1 D0
SDA
SCK
stop
start
6.8.2. Continuous Read/Write timing
R/W A23
D7
A0
D6
D0 D7
D0 D7
D0
D0
D7
SDA
SCK
addr
stop
start
addr+1
addr+n
6.9. Bus Memory Interface
A built-in Bus memory interface is available on GPLB30A.
Through the use of Bus memory interface, user can expand the
memory space by using a external Bus memory (SRAM, mask
ROM or Flash).
The Bus memory interface includes 10 signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com