Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPLB30A Datasheet(PDF) 3 Page - Generalplus Technology Inc.

Part # GPLB30A
Description  LCD CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPLB30A Datasheet(HTML) 3 Page - Generalplus Technology Inc.

  GPLB30A Datasheet HTML 1Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 2Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 3Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 4Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 5Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 6Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 7Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 8Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
GPLB30A
© Generalplus Technology Inc.
Proprietary & Confidential
3
JAN. 07, 2008
Version: 1.4
LCD CONTROLLER
1. GENERAL DESCRIPTION
The GPLB30A, an 8-bit CMOS microprocessor, contains 2752
bytes working RAM, 96K bytes ROM, 7 I/Os, interrupt/wakeup
controller, UART for serial communication, Serial SRAM interface
and Bus memory interface for memory expansion, and automatic
display controller/driver for LCD.
It also features one PWM driver
with two audio channels to produce attractive sound effects easily.
Its large ROM area can be used to store both program and audio
data.
The built-in UART speeds up data transmission between
two devices.
Furthermore, a SLEEP (power-down) function is
also built in to extend power life.
The GPLB30A is designed with
state-of-the-art
technology to
fulfill LCD application needs,
especially for hand-held products.
2. FEATURES
Built in 8-bit processor
− 2752 bytes SRAM
− 96K bytes ROM
− Max. operating speed: 4.0MHz @ 2.4V - 3.6V
5.0MHz @ 3.6V - 5.5V
− CPU clock is software programmable, can be /1, /2, /4, /8,
/16, /32, /64 R-oscillator clock frequency
− Provides 6 wake-up sources
− Provides 7 interrupt sources
Universal Asynchronous Receiver and Transmitter (UART)
Serial SRAM interface
Bus memory interface
Built-in voltage regulator for external memory devices
Key scan function
− SEG[15:0] can be used to send key scan output
Programmable LCD driver
− Up to 70 segments, up to 16 commons, maximum 1120
dots
Talking calculator, Talking clock
− 1/5 bias; 1/16 duty capability
− 140 bytes dedicated LCD RAM
− Built-in voltage regulator to generate VLCD for LCD driver
− 32-level contrast control (2.45V - 5.75V, in 1/5 bias)
Power saving SLEEP mode
Low Voltage Detector
− 8-level 2.9V - 2.2V/4.35V - 3.3V detection
− 2.2V Low voltage reset
Peripherals
− Max. 29 I/O pins (PA[7:0], PB[7:0], PC[7:0], PD[4:0])
. Dedicated I/Os: PA[0:4]
. Shared pin I/Os:
PA[5:7]/SEG[69:67]
PB[0:7]/BMI AD BUS[0:7]/SEG[64:57]
PC[0:1]/BMI MC[0:1]/SSRAM SDA, SCK
PC[2:3]/UART Tx/Rx/SEG[66:65]
PC[4:7]/SEG[56:53]
PD[0:4]/SEG[52:48]
− 32.768KHz oscillator circuit for RTC
− RC-oscillator (only one resistor is needed)
− Two 16-bit reloadable timer/counters
− 8-bit DAC resolution, 2-channel PWM audio outputs
− Watchdog Timer for reliable operation
Low power consumption:
− 600μA typical @ 3.0V, F
CPU = 1.0MHz, FOSC = 4.0MHz
− 25μA typical halt current @ 3.0V
− <1μA typical standby current @ 3.0V
Wide operating voltage range:
− 2.4V - 3.6V
− 3.6V - 5.5V
3. APPICATION FIELD
Handheld game
Scientific calculator
Talking instrument controller
General speech synthesizer
Data bank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com