Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32 Datasheet(PDF) 18 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 18 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 22Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
2. Pin Definitions
To change the strapping bit values, users can apply the external pull-down/pull-up resistances, or use the host
MCU’s GPIOs to control the voltage level of these pins when powering on ESP32.
After reset release, the strapping pins work as normal-function pins.
Refer to Table 3 for a detailed boot-mode configuration by strapping pins.
Table 3: Strapping Pins
Voltage of Internal LDO (VDD_SDIO)
Pin
Default
3.3 V
1.8 V
MTDI
Pull-down
0
1
Booting Mode
Pin
Default
SPI Boot
Download Boot
GPIO0
Pull-up
1
0
GPIO2
Pull-down
Don’t-care
0
Enabling/Disabling Debugging Log Print over U0TXD During Booting
Pin
Default
U0TXD Toggling
U0TXD Silent
MTDO
Pull-up
1
0
Timing of SDIO Slave
Pin
Default
Falling-edge Sampling
Falling-edge Output
Falling-edge Sampling
Rising-edge Output
Rising-edge Sampling
Falling-edge Output
Rising-edge Sampling
Rising-edge Output
MTDO
Pull-up
0
0
1
1
GPIO5
Pull-up
0
1
0
1
Note:
• Firmware can configure register bits to change the settings of ”Voltage of Internal LDO (VDD_SDIO)” and ”Timing
of SDIO Slave”, after booting.
• For ESP32 chips that contain an embedded flash, users need to note the logic level of MTDI. For example, ESP32-
D2WD contains an embedded flash that operates at 1.8 V, therefore, the MTDI should be pulled high.
The illustration below shows the setup and hold times for the strapping pin before and after the CHIP_PU signal
goes high. Details about the parameters are listed in Table 4.
CHIP_PU
t1
t0
Strapping pin
V
IL_nRST
V
IH
Figure 6: Setup and Hold Times for the Strapping Pin
Espressif Systems
11
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com