Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32 Datasheet(PDF) 8 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 8 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
1. Overview
1. Overview
ESP32 is a single 2.4 GHz Wi-Fi-and-Bluetooth combo chip designed with the TSMC ultra-low-power 40 nm
technology. It is designed to achieve the best power and RF performance, showing robustness, versatility and
reliability in a wide variety of applications and power scenarios.
The ESP32 series of chips includes ESP32-D0WDQ6, ESP32-D0WD, ESP32-D2WD, and ESP32-S0WD. For
details on part numbers and ordering information, please refer to Part Number and Ordering Information.
1.1 Featured Solutions
1.1.1 Ultra-Low-Power Solution
ESP32 is designed for mobile, wearable electronics, and Internet-of-Things (IoT) applications. It features all the
state-of-the-art characteristics of low-power chips, including fine-grained clock gating, multiple power modes, and
dynamic power scaling. For instance, in a low-power IoT sensor hub application scenario, ESP32 is woken up
periodically and only when a specified condition is detected. Low-duty cycle is used to minimize the amount of
energy that the chip expends. The output of the power amplifier is also adjustable, thus contributing to an optimal
trade-off between communication range, data rate and power consumption.
Note:
For more information, refer to Section 3.7 RTC and Low-Power Management.
1.1.2 Complete Integration Solution
ESP32 is a highly-integrated solution for Wi-Fi-and-Bluetooth IoT applications, with around 20 external com-
ponents. ESP32 integrates an antenna switch, RF balun, power amplifier, low-noise receive amplifier, filters,
and power management modules. As such, the entire solution occupies minimal Printed Circuit Board (PCB)
area.
ESP32 uses CMOS for single-chip fully-integrated radio and baseband, while also integrating advanced calibration
circuitries that allow the solution to remove external circuit imperfections or adjust to changes in external condi-
tions. As such, the mass production of ESP32 solutions does not require expensive and specialized Wi-Fi testing
equipment.
1.2 Wi-Fi Key Features
• 802.11 b/g/n
• 802.11 n (2.4 GHz), up to 150 Mbps
• WMM
• TX/RX A-MPDU, RX A-MSDU
• Immediate Block ACK
• Defragmentation
• Automatic Beacon monitoring (hardware TSF)
• 4 × virtual Wi-Fi interfaces
Espressif Systems
1
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com