Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32 Datasheet(PDF) 49 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 49 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 45Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 46Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 47Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 48Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 49Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 50Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 51Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 52Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 53Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
Appendix A
Appendix A – ESP32 Pin Lists
A.1. Notes on ESP32 Pin Lists
Table 24: Notes on ESP32 Pin Lists
No.
Description
1
In Table IO_MUX, the boxes highlighted in yellow indicate the GPIO pins that are input-only.
Please see the following note for further details.
2
GPIO pins 34-39 are input-only. These pins do not feature an output driver or internal pull-
up/pull-down circuitry. The pin names are: SENSOR_VP (GPIO36), SENSOR_CAPP (GPIO37),
SENSOR_CAPN (GPIO38), SENSOR_VN (GPIO39), VDET_1 (GPIO34), VDET_2 (GPIO35).
3
The pins are grouped into four power domains: VDDA (analog power supply), VDD3P3_RTC
(RTC power supply), VDD3P3_CPU (power supply of digital IOs and CPU cores), VDD_SDIO
(power supply of SDIO IOs). VDD_SDIO is the output of the internal SDIO-LDO. The voltage of
SDIO-LDO can be configured at 1.8 V or be the same as that of VDD3P3_RTC. The strapping
pin and eFuse bits determine the default voltage of the SDIO-LDO. Software can change the
voltage of the SDIO-LDO by configuring register bits. For details, please see the column “Power
Domain” in Table IO_MUX.
4
The functional pins in the VDD3P3_RTC domain are those with analog functions, including the
32 kHz crystal oscillator, ADC, DAC, and the capacitive touch sensor. Please see columns
“Analog Function 1
~3” in Table IO_MUX.
5
These VDD3P3_RTC pins support the RTC function, and can work during Deep-sleep. For
example, an RTC-GPIO can be used for waking up the chip from Deep-sleep.
6
The GPIO pins support up to six digital functions, as shown in columns “Function 1
~6” In Table
IO_MUX. The function selection registers will be set as “N-1”, where N is the function number.
Below are some definitions:
• SD_* is for signals of the SDIO slave.
• HS1_* is for Port 1 signals of the SDIO host.
• HS2_* is for Port 2 signals of the SDIO host.
• MT* is for signals of the JTAG.
• U0* is for signals of the UART0 module.
• U1* is for signals of the UART1 module.
• U2* is for signals of the UART2 module.
• SPI* is for signals of the SPI01 module.
• HSPI* is for signals of the SPI2 module.
• VSPI* is for signals of the SPI3 module.
Espressif Systems
42
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com