Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32 Datasheet(PDF) 13 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 13 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
2. Pin Definitions
2. Pin Definitions
2.1 Pin Layout
32K_XP 12
VDET_2 11
10
9
8
7
6
5
4
3
2
1
VDET_1
CHIP_PU
SENSOR_VN
SENSOR_CAPN
SENSOR_CAPP
SENSOR_VP
VDD3P3
VDD3P3
LNA_IN
VDDA
25
26
27
28
29
30
31
32
33
34
35
36
GPIO16
VDD_SDIO
GPIO5
SD_DATA_2
SD_DATA_3
SD_CMD
SD_CLK
SD_DATA_0
SD_DATA_1
GPIO23
GPIO18
GPIO17
ESP32
49 GND
Figure 2: ESP32 Pin Layout (QFN 6*6, Top View)
Espressif Systems
6
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com