Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32 Datasheet(PDF) 17 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 17 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
2. Pin Definitions
Table 2: Description of ESP32 Power-up and Reset Timing Parameters
Parameters
Description
Min.
Unit
t0
Time between the 3.3 V rails being brought up and CHIP_PU being
activated
50
µs
t1
Duration of CHIP_PU signal level < VIL_nRST (refer to its value in
Table 13 DC Characteristics) to reset the chip
50
µs
• In scenarios where ESP32 is powered on and off repeatedly by switching the power rails, while there is a
large capacitor on the VDD33 rail and CHIP_PU and VDD33 are connected, simply switching off the CHIP_PU
power rail and immediately switching it back on may cause an incomplete power discharge cycle and failure
to reset the chip adequately.
An additional discharge circuit may be required to accelerate the discharge of the large capacitor on rail
VDD33, which will ensure proper power-on-reset when the ESP32 is powered up again. Please find the
discharge circuit in Figure
ESP32-WROOM-32 Peripheral Schematics, in ESP32-WROOM-32 Datasheet.
• When a battery is used as the power supply for the ESP32 series of chips and modules, a supply voltage
supervisor is recommended, so that a boot failure due to low voltage is avoided. Users are recommended
to pull CHIP_PU low if the power supply for ESP32 is below 2.3 V. For the reset circuit, please refer to Figure
ESP32-WROOM-32 Peripheral Schematics, in ESP32-WROOM-32 Datasheet.
Notes on power supply:
• The operating voltage of ESP32 ranges from 2.3 V to 3.6 V. When using a single-power supply, the recom-
mended voltage of the power supply is 3.3 V, and its recommended output current is 500 mA or more.
• When VDD_SDIO 1.8 V is used as the power supply for external flash/PSRAM, a 2-kohm grounding resistor
should be added to VDD_SDIO. For the circuit design, please refer to Figure
ESP32-WROVER Schematics,
in ESP32-WROVER Datasheet.
• When the three digital power supplies are used to drive peripherals, e.g., 3.3 V flash, they should comply
with the peripherals’ specifications.
2.4 Strapping Pins
ESP32 has five strapping pins:
• MTDI
• GPIO0
• GPIO2
• MTDO
• GPIO5
Software can read the values of these five bits from register ”GPIO_STRAPPING”.
During the chip’s system reset release (power-on-reset, RTC watchdog reset and brownout reset), the latches
of the strapping pins sample the voltage level as strapping bits of ”0” or ”1”, and hold these bits until the chip
is powered down or shut down. The strapping bits configure the device’s boot mode, the operating voltage of
VDD_SDIO and other initial system settings.
Each strapping pin is connected to its internal pull-up/pull-down during the chip reset. Consequently, if a strapping
pin is unconnected or the connected external circuit is high-impedance, the internal weak pull-up/pull-down will
determine the default input level of the strapping pins.
Espressif Systems
10
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com