Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32 Datasheet(PDF) 59 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 59 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 52Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 53Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 54Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 55Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 56Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 57Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 58Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 59Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 60Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
Revision History
Date
Version
Release notes
2018.01
V2.1
• Deleted software-specific features;
• Deleted information on LNA pre-amplifier;
• Specified the CPU speed and flash speed of ESP32-D2WD;
• Added notes to Section 2.3: Power Scheme.
2017.12
V2.0
Added a note on the sequence of pin number in Chapter 6.
2017.10
V1.9
• Updated the description of the pin CHIP_PU in Table 1;
• Added a note to Section 2.3: Power Scheme;
• Updated the description of the chip’s system reset in Section 2.4: Strapping
Pins;
• Added a description of antenna diversity and selection to Section 3.5.1;
• Deleted ”Association sleep pattern” in Table 6 and added notes to Active
sleep and Modem-sleep.
2017.08
V1.8
• Added Table 4.2 in Section 4;
• Corrected a typo in Figure 1.
2017.08
V1.7
• Changed the transmitting power to +12 dBm; the sensitivity of NZIF receiver
to -97 dBm in Section 1.3;
• Added a note to Table 1 Pin Description;
• Added 160 MHz clock frequency in section 3.1.1;
• Changed the transmitting power from 21 dBm to 20.5 dBm in Section 3.5.1;
• Changed the dynamic control range of class-1, class-2 and class-3 transmit
output powers to ”up to 24 dBm”; and changed the dynamic range of NZIF
receiver sensitivity to ”over 97 dB” in Section 3.6.1;
• Updated Table 6: Power Consumption by Power Modes, and added two
notes to it;
• Updated sections 4.1.1, 4.1.9;
• Updated Table 11: Absolute Maximum Ratings;
• Updated Table 15: RF Power Consumption Specifications, and changed the
duty cycle on which the transmitters’ measurements are based by 50%.
• Updated Table 16: Wi-Fi Radio Characteristics and added a note on “Output
impedance” to it;
• Updated parameter ”Sensitivity” in Table 17, 19, 21;
• Updated parameters ”RF transmit power” and ”RF power control range”,
and added parameter ”Gain control step” in Table 18, 20, 22;
• Deleted Chapters: ”Touch Sensor” and ”Code Examples”;
• Added a link to certification download.
2017.06
V1.6
Corrected two typos:
• Changed the number of external components to 20 in Section 1.1.2;
• Changed the number of GPIO pins to 34 in Section 4.1.1.
2017.06
V1.5
• Changed the power supply range in Section: 1.4.1 CPU and Memory;
• Updated the note in Section 2.3: Power Scheme;
• Updated Table 11: Absolute Maximum Ratings;
• Changed the drive strength values of the digital output pins in Note 8, in
Table 24: Notes on ESP32 Pin Lists;
• Added the option to subscribe for notifications of documentation changes.
Espressif Systems
52
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com