Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32 Datasheet(PDF) 40 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 40 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 39Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 40Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 41Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 42Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 44Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
5. Electrical Characteristics
5. Electrical Characteristics
5.1 Absolute Maximum Ratings
Stresses beyond the absolute maximum ratings listed in the table below may cause permanent damage to the
device. These are stress ratings only, and do not refer to the functional operation of the device that should follow
the recommended operating conditions.
Table 11: Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
VDDA, VDD3P3, VDD3P3_RTC,
VDD3P3_CPU, VDD_SDIO
Voltage applied to power supply pins per
power domain
–0.3
3.6
V
Ioutput *
Cumulative IO output current
-
1,200
mA
Tstore
Storage temperature
–40
150
°C
* The chip worked properly after a 24-hour test in ambient temperature at 25 °C, and the IOs in three domains (VDD3P3_RTC,
VDD3P3_CPU, VDD_SDIO) output high logic level to ground.
5.2 Recommended Operating Conditions
Table 12: Recommended Operating Conditions
Symbol
Parameter
Min
Typical
Max
Unit
VDDA, VDD3P3_RTC 1
VDD3P3, VDD_SDIO (3.3 V mode) 2
Voltage applied to power supply pins per
power domain
2.3
3.3
3.6
V
VDD3P3_CPU
Voltage applied to power supply pin
1.8
3.3
3.6
V
IV DD
Current delivered by external power supply
0.5
-
-
A
T 3
Operating temperature
–40
-
125
°C
1. When writing eFuse, VDD3P3_RTC should be at least 3.3 V.
2.
• VDD_SDIO works as the power supply for the related IO, and also for an external device. Please refer to the Appendix
IO_MUX of this datasheet for more details.
• VDD_SDIO can be sourced internally by the ESP32 from the VDD3P3_RTC power domain:
– When VDD_SDIO operates at 3.3 V, it is driven directly by VDD3P3_RTC through a 6 Ω resistor, therefore, there
will be some voltage drop from VDD3P3_RTC.
– When VDD_SDIO operates at 1.8 V, it can be generated from ESP32’s internal LDO. The maximum current this
LDO can offer is 40 mA, and the output voltage range is 1.65 V
~ 2.0 V.
• VDD_SDIO can also be driven by an external power supply.
• Please refer to Power Scheme, section 2.3, for more information.
3. The operating temperature of ESP32-D2WD ranges from –40 °C
~ 105 °C, due to the flash embedded in it. The other
chips in this series have no ebedded flash, so their range of operating temperatures is –40 °C
~ 125 °C.
Espressif Systems
33
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com