Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32 Datasheet(PDF) 31 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 31 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 27Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 28Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 29Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
4. Peripherals and Sensors
4.1.3 Hall Sensor
ESP32 integrates a Hall sensor based on an N-carrier resistor. When the chip is in the magnetic field, the Hall
sensor develops a small voltage laterally on the resistor, which can be directly measured by the ADC.
4.1.4 Digital-to-Analog Converter (DAC)
Two 8-bit DAC channels can be used to convert two digital signals into two analog voltage signal outputs. The
design structure is composed of integrated resistor strings and a buffer. This dual DAC supports power supply as
input voltage reference. The two DAC channels can also support independent conversions.
4.1.5 Touch Sensor
ESP32 has 10 capacitive-sensing GPIOs, which detect variations induced by touching or approaching the GPIOs
with a finger or other objects. The low-noise nature of the design and the high sensitivity of the circuit allow relatively
small pads to be used. Arrays of pads can also be used, so that a larger area or more points can be detected.
The 10 capacitive-sensing GPIOs are listed in Table 9.
Table 9: Capacitive-Sensing GPIOs Available on ESP32
Capacitive-sensing signal name
Pin name
T0
GPIO4
T1
GPIO0
T2
GPIO2
T3
MTDO
T4
MTCK
T5
MTDI
T6
MTMS
T7
GPIO27
T8
32K_XN
T9
32K_XP
4.1.6 Ultra-Low-Power Co-processor
The ULP processor and RTC memory remain powered on during the Deep-sleep mode. Hence, the developer can
store a program for the ULP processor in the RTC slow memory to access the peripheral devices, internal timers
and internal sensors during the Deep-sleep mode. This is useful for designing applications where the CPU needs
to be woken up by an external event, or a timer, or a combination of the two, while maintaining minimal power
consumption.
4.1.7 Ethernet MAC Interface
An IEEE-802.3-2008-compliant Media Access Controller (MAC) is provided for Ethernet LAN communications.
ESP32 requires an external physical interface device (PHY) to connect to the physical LAN bus (twisted-pair, fiber,
etc.). The PHY is connected to ESP32 through 17 signals of MII or nine signals of RMII. The following features are
supported on the Ethernet MAC (EMAC) interface:
• 10 Mbps and 100 Mbps rates
• Dedicated DMA controller allowing high-speed transfer between the dedicated SRAM and Ethernet MAC
Espressif Systems
24
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com