Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32 Datasheet(PDF) 16 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 16 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
2. Pin Definitions
2.3 Power Scheme
ESP32’s digital pins are divided into three different power domains:
• VDD3P3_RTC
• VDD3P3_CPU
• VDD_SDIO
VDD3P3_RTC is also the input power supply for RTC and CPU.
VDD3P3_CPU is also the input power supply for CPU.
VDD_SDIO connects to the output of an internal LDO whose input is VDD3P3_RTC. When VDD_SDIO is connected
to the same PCB net together with VDD3P3_RTC, the internal LDO is disabled automatically. The power scheme
diagram is shown below:
SDIO
Domain
RTC
Domain
CPU
Domain
LDO
LDO
LDO
1.8 V
1.1 V
1.1 V
VDD3P3_RTC
VDD3P3_CPU
VDD_SDIO
3.3 V/1.8 V
Figure 4: ESP32 Power Scheme
The internal LDO can be configured as having 1.8 V, or the same voltage as VDD3P3_RTC. It can be powered off
via software to minimize the current of flash/SRAM during the Deep-sleep mode.
Notes on CHIP_PU:
• The illustration below shows the ESP32 power-up and reset timing. Details about the parameters are listed
in Table 2.
VDD
CHIP_PU
t0
t1
V
IL_nRST
Figure 5: ESP32 Power-up and Reset Timing
Espressif Systems
9
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com