Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32 Datasheet(PDF) 26 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 26 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 22Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 23Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 24Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 27Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 28Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 29Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
3. Functional Description
• 802.11n 0.4 µs guard-interval
• up to 150 Mbps of data rate
• Receiving STBC 2×1
• Up to 20.5 dBm of transmitting power
• Adjustable transmitting power
• Antenna diversity
ESP32 supports antenna diversity with an external RF switch. One or more GPIOs control the RF switch and
selects the best antenna to minimize the effects of channel fading.
3.5.2 Wi-Fi MAC
The ESP32 Wi-Fi MAC applies low-level protocol functions automatically. They are as follows:
• 4 × virtual Wi-Fi interfaces
• Simultaneous Infrastructure BSS Station mode/SoftAP mode/Promiscuous mode
• RTS protection, CTS protection, Immediate Block ACK
• Defragmentation
• TX/RX A-MPDU, RX A-MSDU
• TXOP
• WMM
• CCMP (CBC-MAC, counter mode), TKIP (MIC, RC4), WAPI (SMS4), WEP (RC4) and CRC
• Automatic beacon monitoring (hardware TSF)
3.6 Bluetooth
ESP32 integrates a Bluetooth link controller and Bluetooth baseband, which carry out the baseband protocols
and other low-level link routines, such as modulation/demodulation, packet processing, bit stream processing,
frequency hopping, etc.
3.6.1 Bluetooth Radio and Baseband
The ESP32 Bluetooth Radio and Baseband support the following features:
• Class-1, class-2 and class-3 transmit output powers, and a dynamic control range of up to 24 dB
• π/4 DQPSK and 8 DPSK modulation
• High performance in NZIF receiver sensitivity with over 97 dB of dynamic range
• Class-1 operation without external PA
• Internal SRAM allows full-speed data-transfer, mixed voice and data, and full piconet operation
• Logic for forward error correction, header error control, access code correlation, CRC, demodulation, en-
cryption bit stream generation, whitening and transmit pulse shaping
• ACL, SCO, eSCO and AFH
• A-law, µ-law and CVSD digital audio CODEC in PCM interface
Espressif Systems
19
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com