Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697D Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # MT7697D
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697D Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button MT7697D Datasheet HTML 11Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 12Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 13Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 14Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 15Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 16Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 17Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 18Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 15 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Figure 2-2. MT7697D Power State
Table 2-2. Power States for CM4 Subsystem
MCU mode
Description
Wake-up time
Power
CM4 active
MCU executing code at PLL clock
n/a
CM4
standby
MCU subsystem clocks are gated off and the state of the entire
subsystem is retained. PLL is off.
TBD
CM4 sleep
MCU subsystem clocks are gated off and the state of the entire
subsystem is retained. Only 32KHz clock from XTAL is active. MCU
is configured to wake up on the expiry of the internal timer and
external wake-up events.
TBD
1mA
PMU sleep
CM4_OFF is power gated. XTAL and PMU operate in low power
mode. MCU is configured to wake up on the expiry of the internal
timer and external wake-up events.
TBD
0.3mA
Table 2-3. Power States for N9 Subsystem
MCU mode
Description
Wake-up time
Power
N9 active
MCU executing code at PLL clock.
n/a
MCU idle
MCU clock is gated off, while MCU subsystem clocks are on to
maintain the operation of Wi-Fi function, like listening to beacon.
PLL is on.
TBD
N9 standby
MCU subsystem clocks are gated off and the state of the entire
subsystem is retained. PLL is off.
TBD
N9 sleep
MCU subsystem clocks are gated off and the state of the entire
subsystem is retained. Only 32KHz clock from XTAL is active. MCU
is configured to wake up on the expiry of the internal timer,
external wake-up events, or the wake-up events from Wi-Fi radio
or Bluetooth ratio.
TBD
1mA
PMU sleep
TOP_OFF (N9) and WF_OFF are power gated. XTAL and PMU
operate in low power mode. The state information is retained in
back-up buffer (sleep-mode memory) and can be restored when
TBD
0.3mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com