Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697D Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # MT7697D
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697D Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button MT7697D Datasheet HTML 63Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 64Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 65Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 66Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 67Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 68Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 69Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 70Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 67 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
3.2.7
Bluetooth LE Transmitter Specifications
The specifications in table below are measured at the antenna port, which includes the front-end
loss.
Table 3-8. Bluetooth LE Transmitter Specifications
Parameter
Description
Min.
Typ.
Max.
Unit
Frequency Range
2402
-
2480
MHz
Output Power (*)
At max power output level
-20
6
10
dBm
Carrier Frequency
Offset and Drift
Frequency offset
-150
-
150
kHz
Frequency drift
-50
-
50
kHz
Max. drift rate
-20
-
20
Hz/us
Modulation
Characteristic
△f1avg
225
-
275
kHz
△f2max(Foratleast99%ofall△f2max) 185 - - kHz
△f2avg/△f1avg
0.8
0.94
-
Hz/Hz
In-band
Spurious Emission
±2M offset
-
-
-20
dBm
>±3MHz offset
-
-
-30
dBm
Note 1: The output power is measured at the antenna port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com