Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697D Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # MT7697D
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697D Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button MT7697D Datasheet HTML 66Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 67Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 68Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 69Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 70Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 71Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 72Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 73Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 70 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Parameter
Reference
Conditions
Min
Typ
Max
Unit
Vin
Input
AVDD16_CLDO
1.6
1.7
1.8
V
Vout
Output Voltage
AVDD12_VCORE
Normal operation
0.86
1.15
1.3
V
Deep Sleep mode, SLDO-L
enabled
0.85
V
Iout
Output Current
Normal operation
420
mA
Deep Sleep mode, SLDO-L
enabled
10
mA
Iq
Quiescent
Current
40
50
uA
Analog LDO (ALDO)
Vin
Input Voltage
2.97
3.3
3.63
V
Vout
Output Voltage
AVDD25_ALDO
Normal operation
2.3
2.5
2.7
V
Deep Sleep mode, OFF
0
V
Iout
Output Current
Normal operation
50
mA
Iq
Quiescent
Current
25
50
uA
PMU
Vin
Input Voltage
AVDD45, AVDD33
and DVDDIO
2.97
3.3
3.63
V
Iq
Quiescent
Current
In Deep Sleep State
50
uA
4.6
Auxiliary ADC Characteristics
This section specifies the electrical characteristics of the auxiliary ADC.
Table 4-6. Auxiliary ADC Specifications
Symbol
Parameter
Min
Typical Max
Unit
N
Resolution
-
12
-
Bit
FS
Sampling Rate @ N-Bit(1)
-
2
-
MSPS
VPP
Input Swing(2)
-
-
1.8
V
VIN
Input voltage(3)
0
-
1.8
V
RIN
Input Impedance:
Unselected channel
Selected channel
400M
-
-
10K
-
-
Ohm
DNL
Differential Nonlinearity without dithering and
averaging
-
± 1
± 2
LSB
INL
Integral Nonlinearity without dithering and averaging -
± 2
± 4
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com