Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697D Datasheet(PDF) 75 Page - List of Unclassifed Manufacturers

Part # MT7697D
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697D Datasheet(HTML) 75 Page - List of Unclassifed Manufacturers

Back Button MT7697D Datasheet HTML 71Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 72Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 73Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 74Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 75Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 76Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 77Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 78Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 79Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 75 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
QFN
Pin Name
Pin description
PU/PD I/O
Supply domain
54
GPIO36
Programmable input/output
PU/PD In/out
DVDDIO
53
GPIO37
Programmable input/output
PU/PD In/out
DVDDIO
52
GPIO38
Programmable input/output
PU/PD In/out
DVDDIO
50
GPIO39
Programmable input/output
PU/PD In/out
DVDDIO
47
GPIO57
Programmable input/output
PU/PD In/out
DVDDIO
46
GPIO58
Programmable input/output
PU/PD In/out
DVDDIO
45
GPIO59
Programmable input/output
PU/PD In/out
DVDDIO
44
GPIO60
Programmable input/output
PU/PD In/out
DVDDIO
RTC
20
VRTC
RTC domain power supply
N/A
Power
21
RTC_32K_XO
32KHz crystal
N/A
Analog VRTC
22
RTC_32K_XI
32KHz crystal
N/A
Analog VRTC
23
PMU_EN_RTC
PMU enable
N/A
Output VRTC
WIFI Radio Interface
1
AVDD33_WF0_A_PA
RF 3.3v power supply
N/A
Power
62
AVDD33_WF0_G_PA
RF 3.3v power supply
N/A
Power
67
AVDD33_WF0_A_TX
RF 3.3v power supply
N/A
Power
65
AVDD33_WF0_G_TX
RF 3.3v power supply
N/A
Power
2
AVDD16_WF0_AFE
RF 1.6v power supply
N/A
Power
68
WF0_A_RFIO
RF a-band RF port
N/A
Input
AVDD33_WF0_A
66
WF0_RXA_AUX_IN
RF a-band auxiliary RF LNA port
N/A
Input
AVDD33_WF0_A
61
WF0_RXG_AUX_IN
RF g-band auxiliary RF LNA port
N/A
Input
AVDD33_WF0_G
64
WF0_G_RFIOP
RF g-band RF port
N/A
In/out
AVDD33_WF0_G
63
WF0_G_RFION
RF g-band RF port
N/A
In/out
AVDD33_WF0_G
Bluetooth Radio Interface
59
AVDD33_BT
RF 3.3v power supply
N/A
Power
60
AVDD16_BT
RF 1.6v power supply
N/A
Power
58
BT_RFIO
RF Bluetooth port
N/A
In/out
AVDD33_BT
PMU/BUCK
41
AVSS45_BUCK
BUCK ground
N/A
Ground
40
LXBK
BUCK output
N/A
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com