Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697D Datasheet(PDF) 81 Page - List of Unclassifed Manufacturers

Part # MT7697D
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697D Datasheet(HTML) 81 Page - List of Unclassifed Manufacturers

Back Button MT7697D Datasheet HTML 76Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 77Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 78Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 79Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 80Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 81Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 82Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 83Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 84Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 81 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 81 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Pin
Pin alias
APGIO/
GPIO
Name
Dir
Default
dir
Default
PU/PD
Description
Pinx_pinmux_aon_sel
Pinx_pinmux_off_sel
PULSE_COUNT *
I
Pulse counter
1
-
BT_LED_B
I/O
LED output
2
-
EINT[22]
I
External interrupt
3
-
SWD_CLK
I
CM4 SWD debug port
6
-
47
GPIO57
AGPIO
PCM_CLK
I/O
PCM interface for Bluetooth
0x8102_303C [7:4]
(0x8102_300C[6]=0)
-
0x8002_511C [7:4]
(0x8102_303C [7:4]=0,
0x8102_300C[6]=0)
0
S2A_SPI_CK
I
-
1
MCU_AICE_TCKC
I
N9 debug
-
2
GPIO_TOPOFF[57]
I/O
General purpose input output
-
5
GPIO_TOPAON[57]
I/O
General purpose input output
8
-
PWM[36]
O
Pulse-width-modulated output
9
-
[Reserved]
I
I
PU
[Reserved]
1
-
WIC[8]
I
External interrupt
3
-
ADC_IN0
I
Auxiliary ADC input
0x8102_300C[6]
1
-
46
GPIO58
AGPIO
PCM_SYNC
I/O
PCM interface for Bluetooth
0x8102_303C[11:8]=0
(0x8102_300C[7]=0)
-
0x8002_511C [11:8]
(0x8102_303C[11:8]=0,
0x8102_300C[7]=0)
0
S2A_SPI_OUT
O
-
1
MCU_AICE_TMSC
I/O
N9 debug
-
2
GPIO_TOPOFF[58]
I/O
General purpose input output
-
5
GPIO_TOPAON[58]
I/O
General purpose input output
8
-
PWM[37]
O
Pulse-width-modulated output
9
-
[Reserved]
I
I
PU
[Reserved]
1
-
WIC[9]
I
External interrupt
3
-
ADC_IN1
I
Auxiliary ADC input
0x8102_300C[7]
1
-
45
GPIO59
AGPIO
PCM_OUT
O
PCM interface for Bluetooth
0x8102_303C [15:12]
(0x8102_300C[8]=0)
-
0x8002_511C [15:12]
(0x8102_303C [15:12]=0,
0x8102_300C[8]=0)
0
UART_DSN_TXD_N9
O
UART DSN TX (N9)
-
1
SWD_DIO
I/O
I
CM4 debug port
6
2
GPIO_TOPOFF[59]
I/O
General purpose input output
-
5
GPIO_TOPAON[59]
I/O
General purpose input output
8
-
PWM[38]
O
Pulse-width-modulated output
9
-
WF_LED_B
I/O
LED output
1
-
WIC[10]
I
External interrupt
3
-
ADC_IN2
I
Auxiliary ADC input
0x8102_300C[8]
1
-
44
GPIO60
AGPIO
PCM_IN
I
PCM interface for Bluetooth
0x8102_303C [19:16]=0
(0x8102_300C[9]=0)
-
0x8002_511C [19:16]
(0x8102_303C [19:16]=0,
0x8102_300C[9]=0)
0
SWD_CLK
I
I
CM4 SWD debug port
6
2
GPIO_TOPOFF[60]
I/O
General purpose input output
-
5
GPIO_TOPAON[[60]
I/O
General purpose input output
8
-
PWM[39]
O
Pulse-width-modulated output
9
-
BT_LED_B
I/O
LED output
1
-
PULSE_CNT
I
Pulse counter input
2
-
WIC[11]
I
External interrupt
3
-
ADC_IN3
I
Auxiliary ADC input
0x8102_300C[9]
1
-
Note: * not used in MT7697D
5.4
Bootstrap
The section describes the bootstrap function.
The chip modes are sensed from the device pin during power up. After chip reset, the pull
configuration are stored in a register and determine the device operation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com