Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697D Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # MT7697D
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697D Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button MT7697D Datasheet HTML 22Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 23Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 24Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 25Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 26Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 27Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 28Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 29Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 26 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Table 2-12. General Purpose Timer Types
Mode
Clock speed
Interrupt Source
GPT0
Interrupt-based
1KHz or 32KHz
GPT
GPT1
Interrupt-based
1KHz or 32KHz
GPT2
Free-run
1KHz or 32KHz
n/a
GPT3
Interrupt based
26MHz (oscillator clock)
GPT3
GPT4
Free-run
Bus clock or bus clock / 2
n/a
2.4.7
Watchdog Timer
MT7697D features the watchdog timer for CM4, which is used to recover the system to the initial
status when the system hangs due to some malfunction.
WDT provides two ways to generate the WDT event:
Triggered by the time-out event (by configuring WDT_MODE:0x83080030 and
WDT_LENGTH:0x83080034). The WDT has an 11-bit counter and it uses the 32 KHz clock.
The software regularly restarts the timer to prevent it from expiring. If it fails to restart the
WDT, the timer would expire and generate a WDT event.
Triggered by software programming (WDT_SWRST:0x83080044).
WDT provides the following options when a WDT event is generated:
0x83080030[3]=0: Reset mode
- 0x8300917C[16] = 1: WDT whole chip mode. Reset the whole chip including CM4 and N9
subsystems.
- 0x8300917C[16] = 0: WDT MCU mode. Reset CM4 subsystem only.
0x83080030[3]=1: Interrupt mode
-Issue an interrupt to CM4 instead of resetting whole chip or CM4 subsystem.
The WDT module can only be reset by the external reset (SYS_RST_N) and the PMU reset. Some WDT
control registers feature a key protection mechanism such that an unintentional access would be
prevented.
WDT also provides the capability for CM4 software to interrupt N9 or reset N9 (by configuring
WDT_DUAL_CORE:0x83080080).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com