Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697D Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # MT7697D
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697D Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button MT7697D Datasheet HTML 16Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 17Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 18Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 19Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 20Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 21Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 22Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 23Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 20 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
2.3.2
Reset
MT7697D has three global resets: XRESETN, CM4_RESETN, and N9_RESETN. The figure below shows
the module that the reset signals are applied to.
CM4_RESETN Reset Tree
CM4 MCU and all modules on CM4 bus other than XRESETN reset
tree
N9_RESETN Reset Tree
N9 MCU and all modules on N9 bus other than XRESETN reset
tree
Chip Cold Reset Event
Or
N9 Host Reset Event
Chip Cold Reset Event
Or
CM4 Host Reset Event
XRESETN Reset Tree
(1)CM4 WDT and GPT module
(2)CM4 WIC module
(3)N9 WDT and GPT module
(4)N9 interrupt module
(5)AON module (top MISC logic always on during sleep)
Chip Cold Reset Event
Figure 2-5. Reset Structure
2.4
Application Processor Subsystem
The MCU subsystem consists of a 32-bit MCU, the AHB/APB bus matrix, internal RAM/ROM with
ROM patch function, the flash controller, and the system peripherals including Direct Memory Access
(DMA) engine and the General Purpose Timer (GPT).
2.4.1
CPU
MT7697D features an ARM Cortex-M4 processor, which is the most energy efficient ARM processor
available. It supports the clock rates from 1MHz up to 192MHz.
The MCU executes the Thump-2 instruction set for optimal performance and code size, including
hardware division, single cycle multiplication, and bit-field manipulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com