Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697D Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # MT7697D
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697D Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button MT7697D Datasheet HTML 76Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 77Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 78Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 79Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 80Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 81Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 82Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 83Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 84Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 82 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 82 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Table 5-4. Bootstrap Option– Flash Access Mode
Flash Access Mode
PIN53 (GPIO37)
Description
Normal mode
Pull-down(1)
Firmware jumps to flash.
Recovery mode
Pull-up
Firmware does not jump to flash and wait for UART
command.
This mode is used for the firmware to jump to SYSRAM
after downloading code from UART.
Note 1: No external pull-down resistor is required because internal pull-down is active during power
up.
Table 5-5. Bootstrap Option – XTAL Clock Mode
XTAL Clock Mode
PIN12 (GPIO7)
PIN52 (GPIO38)
Description
40MHz
Pull-down
Pull-up
Uses 40MHz XTAL.
26MHz
Pull-up
Pull-down(1)
Uses 26MHz XTAL.
52MHz
Pull-up
Pull-up
Uses 52MHz XTAL.
Note 1: No external pull-down resistor is required because internal pull-down is active during power
up.
Table 5-6. Bootstrap Option – 32KHz Clock Mode
32KHz clock mode
PIN11 (GPIO6)
Description
Internal 32KHz clock
Pull-down
32KHz clock sources from 40/26/52MHz clock.
External 32KHz clock
Pull-up
32KHz clock sources from external pin.
Table 5-7. Bootstrap Option — Chip Mode
Chip mode
PIN55
(GPIO35)
PIN10
(GPIO5)
PIN11
(GPIO6)
PIN12
(GPIO7)
PIN52
(GPIO38)
Description
Normal mode
Pull-
down(1)
Don’t care
32KHz clock
mode
control
XTAL clock mode control
Chip operates in normal
mode.
Test mode
Pull-up
Chip operates in test
mode.
Note 1: No external pull-down resistor is required because internal pull-down is active during power
up.
Note 2: When in test mode, the XTAL input clock is 26MHz only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com