Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697D Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # MT7697D
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697D Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button MT7697D Datasheet HTML 72Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 73Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 74Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 75Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 76Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 77Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 78Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 79Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 76 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
QFN
Pin Name
Pin description
PU/PD I/O
Supply domain
39
AVDD45_BUCK
BUCK power supply
N/A
Input
38
AVDD15_V2P5NA
BUCK internal circuit output cap
N/A
Output
37
AVDD16_CLDO
CLDO supply
N/A
Input
36
AVDD12_VCORE
CLDO output
N/A
Output
34
AVDD45_MISC
PMU supply
N/A
Input
31
AVDD25_ALDO_OUT
2.5V ALDO output with external cap.
N/A
Output
30
PMU_DIO33_OUT
This pin output is to provide 3.3V for all
DVDDIO.
And in OFF mode, this pin is 0V.
N/A
Output
35
PMU_TEST
PMU test pin
N/A
Output
33
ISO_INT_PMU_EN
Input 0V for non-RTC platform.
Input 3.3V for RTC platform.
N/A
Input
32
PMU_EN_WF
External PMU enable
N/A
Input
Power Supplies
43
AVDD25_AUXADC
Auxiliary ADC 2.5v power supply
N/A
Power
42
AVSS25_AUXADC
Auxiliary ADC ground
N/A
Ground
13
DVDDIO_R
Digital 3.3V input
N/A
Power
16
DVDDIO_D
Digital 3.3V input
N/A
Power
48
DVDDIO_L
Digital 3.3V input
N/A
Power
14, 17, 30, 49 DVDD11
Digital 1.15V input
N/A
Power
E-PAD
VSS
Common Ground
N/A
Ground
5.3
Pin Multiplexing
The pin multiplexing could be controlled via the configuration register A (in TOP_AON domain) and
the configuration register B (in TOP_OFF/N9 domain). When configuration register A is set to 0, the
configuration register B determines the pin function. When configuration register A is not set to 0,
the configuration register A determines the pin function.
The default function of each pin is highlighted with blue background.
The driving strength of all pins is programmable: 4mA, 8mA, 12mA, and 16mA. The default setting
for all pins are 4mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com