Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697D Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # MT7697D
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697D Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button MT7697D Datasheet HTML 50Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 51Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 52Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 53Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 54Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 55Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 56Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 57Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 54 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
2.7
Wi-Fi Subsystem
2.7.1
Wi-Fi MAC
MT7697D MAC supports the following features:
Supports all data rates of 802.11a/g including 6, 9, 12, 18, 24, 36, 48, and 54Mbps
Supports short GI and all data rates of 802.11n including MCS0 to MCS7
802.11 to 802.3 header translation offload
RX TCP/UDP/IP checksum offload
Supports multiple concurrent clients as an access point
Supports multiple concurrent clients as a repeater
Aggregate MPDU RX (de-aggregation) and TX (aggregation) support
Transmits beamforming as a beamformee
Transmits rate adaptation
Transmits power control
Security
64-bit WEP (WEP-40) and 128-bit WEP (WEP-104) encryption with hardware TKIP and
CKIP processing
AES-CCMP hardware processing
SMS4-WPI (WAPI) hardware processing
2.7.2
WLAN Baseband
MT7697D baseband supports the following features:
20 and 40MHz channels
MCS0-7 (BPSK, r=1/2 through 64QAM, r=5/6)
Short Guard Interval
STBC support
Low Density Parity check (LDPC) coding
Support digital pre-distortion to enhance PA performance
Smoothing (channel estimation) extension to MIMO case
2.7.3
WLAN RF
MT7697D RF supports the following features:
Integrated 2.4GHz/5GHz PA and LNA, and T/R switch
Integrated 5GHz Balun
Support frequency band
2400-2497MHz
5150-5350MHz
5470-5725MHz
5725-5850MHz
5850-5925MHz
Support RX antenna diversity for both 2.4GHz/5GHz band to eliminate the requirement
of an external SPDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com