Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697DN Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # MT7697DN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DN Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button MT7697DN Datasheet HTML 8Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 9Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 10Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 11Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 12Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 13Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 14Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 15Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 12 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
2
Functional Description
2.1
Overview
2.2
Power Management Unit
A single regulated 3.3V power supply is required for the MT7697D. It could be from DC-DC converter
to convert higher voltage supply to 3.3V or boost from a lower voltage supply to 3.3V.
The Power Management Unit (PMU) contains Under-Voltage Lockout (UVLO) circuit, several Low
Drop-out Regulators (LDOs), a highly efficient buck converter, and a reference band-gap circuit. The
circuits are optimized for low quiescent current, low drop-out voltage, efficient line/load regulation,
high ripple rejection, and low output noise.
BUCK/SLDOH
(3.3V)
CLDO/SLDOL
(1.6V)
AVDD45_BUCK
AVDD45_MISC
AVDD12_VCORE
DVDD11
AVDD16_CLDO
LXBK
DVDDIO
AVDD16_WF0_AFE
AVDD16_XO
AVDD16_BT
RF LDO/RF
core (1.6V)
IO (3.3V)
AVDD33_WF0_A_TX
AVDD33_WF0_A_PA
AVDD33_WF0_G_TX
AVDD33_WF0_G_PA
AVDD33_BT
RF(3.3V)
1.6V
1.15V
3.3V
Digital core
(1.15V)
AVSS45_BUCK
VSS
AVDD25_ALDO_OUT
ALDO
(3.3V)
ADC
(2.5V)
AVDD25_AUXADC
ELDO
(3.3V to 2.5V)
AVSS25_AUXADC
VSS
VSS
2.5V
PMU_DIO33_OUT
3.3V
Figure 2-1. Chip Power Block Diagram
2.2.1
PMU Architecture
The PMU integrates 5 LDOs and one buck converter.
The four LDOs are CLDO, ALDO, high-voltage SLDO (SLDO-H) and low-voltage SLDO (SLDO-L). SLDO
stands for sleep mode LDO, and CLDO stands for digital core LDO. The buck converter converts
1.6~1.8V output to other subsystems in MT7697D. It can be operated in PFM mode or PWM mode.
Through an external on-board LC filter (2.2uH inductor and 10uF cap), it outputs a low ripple
1.6~1.8V to Wi-Fi RF system, Bluetooth RF system, and CLDO. CLDO is under BUCK domain, and then
it outputs 1.15V for whole chip digital logics used. ALDO is also from 3.3V chip supply input and
generates 2.5V for the auxiliary ADC. The two SLDOs have 1.8V and 0.85V output voltage respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com