Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697DN Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # MT7697DN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DN Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button MT7697DN Datasheet HTML 40Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 41Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 42Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 43Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 44Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 45Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 46Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 47Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 44 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
ADC IP (Analog)
AUXADC_MUX[3:0]
ADC_EN
12
1/2/4/8/16/32/64
average
Bus
interface
Memory
hclk_ck
MCU
Interrupt
12
4-to-1
MUX
ADC
Digital averaging
CLKOUT(2MS/s)
REG_AVG_MODE[2:0]
CLK(2MS/s)
Figure 2-17. Auxiliary ADC Block Diagram
2MHz Clock
Internal asyn. Clock
ADC sampling
ADC bit-cycling
ADC sampling
ADC bit-cycling
0.5 uS
ADC sampling
ADC bit-cycling
Sample #3
Sample #4
Sample #5
DOUT #1
DOUT #2
DOUT #3
AUXADC_DOUT
Figure 2-18. Auxiliary ADC Clock Timing Diagram
Auxiliary ADC Features:
Input channel number: 4 channels
Sampling and output data rate: 2MS/s
DNL without dithering and averaging: <±2LSB
DNL with dithering and averaging: <±1LSB
Dithering function: 16 levels with step size of 4LSB.
2.5.5
SPI Master Interface
MT7697D features one SPI master controller. It is used as an extension interface to control the
peripheral device on expansion port. The SPI master controller supports the clock rates of 0.25, 0.5, 1,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com