Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697DN Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # MT7697DN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DN Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button MT7697DN Datasheet HTML 60Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 61Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 62Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 63Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 64Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 65Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 66Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 67Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 64 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
PARAMETER
DESCRIPTION
PERFORMANCE
MIN
TYP
MAX
UNIT
Five slot packet (DH5)
-40
±15
+40
KHz
Max drift rate
-20
±15
20
KHz/50μs
TX output spectrum
20dB bandwidth
-
-
1000
KHz
In-Band spurious
emission
±2MHz offset
-
-40
-20
dBm
±3MHz offset
-
-45
-40
dBm
>±3MHz offset
-
-45
-40
dBm
Note 1: The output power is measured at the antenna port.
3.2.4
Enhanced Data Rate Receiver Specifications
The specifications in table below are measured at the antenna port, which includes the front-end
loss.
Table 3-6. Enhanced Data Rate Receiver Specifications
PARAMETER
DESCRIPTION
PERFORMANCE
MIN
TYP
MAX
UNIT
FREQUENCY RANGE
2402
-
2480
MHZ
RECEIVER SENSITIVITY
(BER<0.01%)
Π/4 DQPSK
-
-91
-
DBM
8PSK
-
-85
-
DBM
MAXIMUM USABLE SIGNAL
(BER<0.1%)
Π/4 DQPSK
-
-5
-
DBM
8PSK
-
-5
-
DBM
C/I CO-CHANNEL (BER<0.1%)
Π/4 DQPSK
-
9
13
DB
8PSK
-
15
21
DB
C/I 1MHZ (BER<0.1%)
Π/4 DQPSK
-
-5
0
DB
8PSK
-
-5
5
DB
C/I 2MHZ (BER<0.1%)
Π/4 DQPSK
-
9
-30
DB
8PSK
-
15
-25
DB
C/I≥3MHZ (BER<0.1%)
Π/4 DQPSK
-
-12
-40
DB
8PSK
-
-6
-33
DB
C/I IMAGE CHANNEL (BER<0.1%)
Π/4 DQPSK
-
-40
-7
DB
8PSK
-
-36
0
DB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com