Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697DN Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MT7697DN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DN Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MT7697DN Datasheet HTML 17Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 18Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 19Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 20Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 21Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 22Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 23Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 24Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 21 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
MT7697D includes the memory protection unit (MPU) in Cortex-M4 MCU that provides memory
protection features. It can be used to detect unexpected memory access.
MT7697D also includes floating point unit (FPU) in Corxex-M4 process to support DSP related
function.
2.4.2
Cache and Tightly Coupled Memory
MT7697D has a cache for Cortex-M4 to improve the efficiency of the code and data fetch from the
external flash. The only cacheable memory region is the external flash.
MT7697D also has a Tightly-Coupled-Memory (TCM), a zero-wait-state memory which is dedicated
for Cortex-M4 and can be accessed by Cortex-M4 exclusively. It is a memory space for the critical
code such as interrupt service routines which needs to be executed with minimum latency. The DMA
engines on AHB bus can’t access TCM.
The total size of memory of the cache and the TCM is 96KB. Four software-configurable options differ
in the size of cache, the size of TCM, and the cache associativity. The user can select the option which
maximizes the performance.
The cache system has the following features:
Configurable 1/2/4-way set associative (8KB/16KB/32KB)
Each way has 256 cache lines with 8-word link size
20-bit tag memory: 19-bit high address and 1-bit valid bit
2-bit dirty memory: each dirty bit identifies the dirtiness of half cache line
The size of SRAM is 96KB. It can be configured to the following configuration
96KB TCM, no cache
88KB TCM, 8KB cache (1 way, direct mapped)
80KB TCM, 16KB cache (2 way set-associative)
64KB TCM, 32KB cache (4 way set-associative)
The configuration setting and the memory configuration are shown in the following table.
Table 2-9. TCM and Cache Configuration
0x0153_0000[9:8]
Functional Description
Start Address
End Address
00b
96KB TCM, no cache
0x0010_0000
0x0011_7FFF
01b
88KB TCM, 8KB cache, direct mapped
0x0010_0000
0x0011_5FFF
10b
80KB TCM, 16KB cache, 2-way set-associative
0x0010_0000
0x0011_3FFF
11b
64KB TCM, 32KB cache, 4-way set associative
0x0010_0000
0x0010_FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com