Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697DN Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # MT7697DN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DN Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button MT7697DN Datasheet HTML 51Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 52Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 53Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 54Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 55Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 56Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 57Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 58Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 55 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
2.8
Bluetooth Subsystem
MT7697D Bluetooth supports the following features:
Bluetooth v4.2 + LE compliance
Bluetooth and Bluetooth low energy dual mode
Single-ended, RF port with integrated Balun and T/R switch
Integrated high efficiency PA
Baseband and radio BDR and EDR packet types: 1Mbps (GFSK), 2Mbps (π/4-DQPSK), and
3Mbps (8PSK).
Fully functional Bluetooth baseband: AFH, forward error correction, header error control,
access code correlation, CRC, whitening.
Standard pairing, authentication, link key, and encryption operation.
Standard power saving mechanisms: sniff mode and sniff-subrating.
Interlaced scan for faster connection setup
Full master and slave piconet support
Up to seven simultaneous active ACL connections with background inquiry and page scan
Scatternet support
Channel quality driven data rate control
2.9
RTC
MT7697D features one RTC (Real Time Clock) module. The clock source is the 32.768 KHz Crystal or
an external clock source. RTC has built in an accurate timer to wake up the system when it expires.
RTC uses a different power rail from PMU. In the hibernate mode, the PMU is turned off while the
RTC module is remained powered on. The RTC module only consumes 3uA in hibernate mode.
RTC has a dedicated PMU control pin PMU_EN_RTC (pin 23) used to turn on the power to the chip
when the RTC timer expires and turn off the power to the chip when it intends to enter the hibernate
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com