Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697DN Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # MT7697DN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DN Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button MT7697DN Datasheet HTML 25Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 26Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 27Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 28Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 29Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 30Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 31Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 32Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 29 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
NVIC
No.
Interrupt
source
Power domain
/subsystem
External
interrupt
Wake-up
capability
(1)
De-bounce
Description
INT42
ADC2
TOP_AON
WIC[10]
V
Available
GPIO[59]
INT43
ADC3
TOP_AON
WIC[11]
V
Available
GPIO[60]
INT56
PWM0
TOP_AON
EINT[0]
V
Available
GPIO[0]
INT57
PWM1
TOP_AON
EINT[1]
V
Available
GPIO[1]
INT58
SWD_DIO
TOP_AON
EINT[2]
V
Available
GPIO[3]
INT59
GPIO0
TOP_AON
EINT[3]
V
Available
GPIO[4]
INT60
GPIO1
TOP_AON
EINT[4]
V
Available
GPIO[5]
INT61
GPIO2
TOP_AON
EINT[5]
V
Available
GPIO[6]
INT62
GPIO3
TOP_AON
EINT[6]
V
Available
GPIO[7]
INT75
GPIO16
TOP_AON
EINT[19]
V
Available
GPIO[35]
INT76
GPIO18
TOP_AON
EINT[20]
V
Available
GPIO[37]
INT77
GPIO19
TOP_AON
EINT[21]
V
Available
GPIO[38]
INT78
GPIO20
TOP_AON
EINT[22]
V
Available
GPIO[39]
Note 1: Capable to wake up CM4 when CM4 is in sleep mode.
Note 2: This interrupt is associated with other wake-up interrupts for CM4 to differentiate wake-up interrupts
from non wake-up interrupts.
2.4.9.2
External Interrupt
MT7697D has the optionally enabled hardware de-bouncing circuit for each interrupt source.
Table 2-14. CM4 External Interrupt De-Bounce Period
3-bit prescaler
Reference clock rate for
de-bounce counter (KHz)
Minimum de-bounce
period (ms)
Maximum de-bounce
period (ms)
000
8
0.13
2
001
4
0.25
4
010
2
0.5
8
011
1
1
16
100
0.5
2
32
101
0.25
4
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com