Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697DN Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # MT7697DN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DN Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button MT7697DN Datasheet HTML 64Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 65Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 66Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 67Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 68Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 69Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 70Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 71Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 68 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
4
Electrical Characteristics
4.1
Absolute Maximum Rating
Table 4-1 Absolute Maximum Rating
Symbol
Parameters
Maximum rating
Unit
VDD33
3.3V Supply Voltage
-0.3 to 3.63
V
TSTG
Storage Temperature
-40 to +125
°C
VESD
ESD protection (HBM)
2000
V
4.2
Recommended Operating Range
Table 4-2. Recommended Operating Range
Symbol
Supply Voltage
Source
Min
Typ
Max Unit
AVDD45
AVDD45_BUCK, AVDD45_MISC
To be connected to external 3.3V supply
2.97
3.3
3.63
V
RTC_3V3 RTC_3V3
To be connected to external supply
1.6
3.63
V
AVDD33
AVDD33_WF0_A_PA,
AVDD33_WF0_G_PA,
AVDD33_WF0_A_TX,
AVDD33_WF0_G_TX, AVDD33_BT To be connected to external 3.3V supply
2.97
3.3
3.63
V
DVDDIO
DVDDIO_D, DVDDIO_L,
DVDDIO_R
To be connected to PMU_DIO33_OUT
2.97
3.3
3.63
AVDD25
AVDD25_AUXADC
To be connected to PMU ALDO output
2.3
2.5
2.7
V
AVDD16
AVDD16_CLDO, AVDD16_BT,
AVDD16_XO, AVDD16_WF0_AFE
To be connected to PMU BUCK output
1.6
1.7
1.8
V
DVDD11
DVDD11
To be connected to PMU CLDO output
0.86
1.15
1.3
V
Ta
Operating Ambient Temperature
MT7697DN
-30
85
C
MT7697IDN
-40
85
C
Tj
Operating Junction Temperature
MT7697DN
-30
125
C
MT7697IDN
-40
125
C
4.3
DC Characteristics
Table 4-3. DC Characteristics
Symbol Parameter
Conditions
MIN
MAX
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com