Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697DN Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # MT7697DN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DN Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button MT7697DN Datasheet HTML 69Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 70Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 71Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 72Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 73Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 74Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 75Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 76Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 73 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
5
Package Specifications
5.1
Pin Layout
MT7697D uses 8mm x 8mm QFN package of 68-pin with 0.4mm pitch.
Table 5-1. Pin Map
68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52
1 AVDD33_WF0_A_PA
SYSRST_B
51
2 AVDD16_WF0_AFE
VSS
GPIO39
50
3
AVDD16_XO
DVDD11
49
4
XO
DVDDIO_L
48
5
GPIO0
GPIO57
47
6
GPIO1
GPIO58
46
7
GPIO2
GPIO59
45
8
GPIO3
GPIO60
44
9
GPIO4
AVDD25_AUXADC 43
10
GPIO5
AVSS25_AUXADC 42
11
GPIO6
AVSS45_BUCK
41
12
GPIO7
LXBK
40
13
DVDDIO_R
AVDD45_BUCK
39
14
DVDD11
AVDD15_V2P5NA 38
15
GPIO24
AVDD16_CLDO
37
16
DVDDIO_D
AVDD12_VCORE 36
17
DVDD11
PMU_TEST
35
18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com