Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697DN Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # MT7697DN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DN Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button MT7697DN Datasheet HTML 57Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 58Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 59Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 60Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 61Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 62Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 63Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 64Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 61 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
3.1.5
Wi-Fi 5GHz Band RF Transmitter Specifications
The specifications in table below are measured at the antenna port, which includes the front-end
loss.
Table 3-4. 5GHz RF Transmitter Specifications
Parameter
Description
Performance
MIN
TYP
MAX
Unit
Frequency range
5180
-
5825
MHz
Output power
with spectral
mask and EVM
compliance
6 Mbps OFDM
-
16.9
-
dBm
54 Mbps OFDM
-
16.9
-
dBm
HT20, MCS 0
-
16.9
-
dBm
HT20, MCS 7
-
15.9
-
dBm
HT40, MCS 0
-
15.9
-
dBm
HT40, MCS 7
-
15.9
-
dBm
TX EVM
6 Mbps OFDM
-
-
-5
dB
54 Mbps OFDM
-
-
-25
dB
HT20, MCS 0
-
-
-5
dB
HT20, MCS 7
-
-
-28
dB
HT40, MCS 0
-
-
-5
dB
HT40, MCS 7
-
-
-28
dB
Output power
variation(1)
TSSI closed-loop control across all temperature
range and channels and VSWR ≦1.5:1.
-1.5
-
1.5
dB
Carrier
suppression
-
-
-30
dBc
Harmonic
Output Power
2nd Harmonic
-
-45
-43
dBm/MHz
3nd Harmonic
-
-45
-43
dBm/MHz
Note 1: VDD33 voltage is within ±5% of typical value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com