Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697DN Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # MT7697DN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DN Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button MT7697DN Datasheet HTML 59Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 60Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 61Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 62Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 63Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 64Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 65Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 66Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 63 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
PARAMETER
DESCRIPTION
PERFORMANCE
MIN
TYP
MAX
UNIT
C/I 1MHz (BER<0.1%)
Adjacent channel selectivity
-
-7
0
dB
C/I 2MHz (BER<0.1%)
2nd adjacent channel selectivity
-
-40
-30
dB
C/I≥3MHz (BER<0.1%)
3rd adjacent channel selectivity
-
-43
-40
dB
C/I Image channel
(BER<0.1%)
Image channel selectivity
-
-20
-9
dB
C/I Image 1MHz
(BER<0.1%)
1MHz adjacent to image channel
selectivity
-
-35
-20
dB
Inter-modulation
-39
-30
-
dBm
Out-of-band blocking
30MHz to 2000MHz
-10
-
-
dBm
2000MHz to 2399MHz
-27
-
-
dBm
2498MHz to 3000MHz
-27
-
-
dBm
3000MHz to 12.75GHz
-10
-
-
dBm
Note 1: The receiver sensitivity is measured at the antenna port.
3.2.3
Basic Rate Transmitter Specifications
The specifications in table below are measured at the antenna port, which includes the front-end
loss.
Table 3-5. Basic Rate Transmitter Specifications
PARAMETER
DESCRIPTION
PERFORMANCE
MIN
TYP
MAX
UNIT
Frequency range
2402
-
2480
MHz
Maximum transmit
power1
At maximum power output level
-
10
-
dBm
Gain step
2
4
8
dB
Modulation
characteristics
∆f1avg
140
157
175
KHz
∆f2max (For at least 99.9% of all ∆f2max)
115
121
-
KHz
∆f1avg /∆f2avg
0.8
0.85
-
KHz
ICFT
Initial carrier frequency tolerance
-75
±20
+75
KHz
Carrier frequency
drift
One slot packet (DH1)
-25
±15
+25
KHz
Two slot packet (DH3)
-40
±15
+40
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com