Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186EM-33VC/W Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM186EM-33VC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM-33VC/W Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM186EM-33VC/W Datasheet HTML 23Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 24Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 25Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 26Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 27Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 28Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 29Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 30Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 98 page
background image
Am186/188EM and Am186/188EMLV Microcontrollers
27
P R E L IMINAR Y
GND
Ground
The ground pins connect the system ground to the mi-
crocontroller.
HLDA
Bus Hold Acknowledge (output, synchronous)
This pin is asserted High to indicate to an external bus
master that the microcontroller has released control of
the local bus. When an external bus master requests
control of the local bus (by asserting HOLD), the micro-
controller completes the bus cycle in progress and then
relinquishes control of the bus to the external bus mas-
ter by asserting HLDA and floating DEN, RD, WR, S2–
S0, AD15–AD0, S6, A19–A0, BHE, WHB, WLB, and
DT/R, and then driving the chip selects UCS, LCS,
MCS3–MCS0, PCS6–PCS5, and PCS3–PCS0 High.
When the external bus master has finished using the
local bus, it indicates this to the microcontroller by
deasserting HOLD. The microcontroller responds by
deasserting HLDA.
If the microcontroller requires access to the bus (i.e. for
refresh), it will deassert HLDA before the external bus
master deasserts HOLD. The external bus master
must be able to deassert HOLD and allow the micro-
controller access to the bus. See the timing diagrams
for bus hold on page 92.
HOLD
Bus Hold Request (input, synchronous,
level-sensitive)
This pin indicates to the microcontroller that an external
bus master needs control of the local bus.
The Am186EM and Am188EM microcontrollers’ HOLD
latency time is a function of the activity occurring in the
processor when the HOLD request is received. A
DRAM request will delay a HOLD request when both
requests are made at the same time. In addition, if
locked transfers are performed, the HOLD latency time
is increased by the length of the locked transfer.
For more information, see the HLDA pin description.
INT0
Maskable Interrupt Request 0 (input,
asynchronous)
This pin indicates to the microcontroller that an inter-
rupt request has occurred. If the INT0 pin is not
masked, the microcontroller transfers program execu-
tion to the location specified by the INT0 vector in the
microcontroller interrupt vector table.
Interrupt requests are synchronized internally and can
be edge-triggered or level-triggered. To guarantee in-
terrupt recognition, the requesting device must con-
tinue asserting INT0 until the request is acknowledged.
INT1/SELECT
Maskable Interrupt Request 1 (input,
asynchronous)
Slave Select (input, asynchronous)
INT1—This pin indicates to the microcontroller that an
interrupt request has occurred. If INT1 is not masked,
the microcontroller transfers program execution to the
location specified by the INT1 vector in the microcon-
troller interrupt vector table.
Interrupt requests are synchronized internally and can
be edge-triggered or level-triggered. To guarantee in-
terrupt recognition, the requesting device must con-
tinue asserting INT1 until the request is acknowledged.
SELECT—When the microcontroller interrupt control
unit is operating as a slave to an external interrupt con-
troller, this pin indicates to the microcontroller that an
interrupt type appears on the address and data bus.
The INT0 pin must indicate to the microcontroller that
an interrupt has occurred before the SELECT pin indi-
cates to the microcontroller that the interrupt type ap-
pears on the bus.
INT2/INTA0/PIO31
Maskable Interrupt Request 2 (input,
asynchronous)
Interrupt Acknowledge 0 (output, synchronous)
INT2—This pin indicates to the microcontroller that an
interrupt request has occurred. If the INT2 pin is not
masked, the microcontroller transfers program execu-
tion to the location specified by the INT2 vector in the
microcontroller interrupt vector table.
Interrupt requests are synchronized internally and can
be edge-triggered or level-triggered. To guarantee in-
terrupt recognition, the requesting device must con-
tinue asserting INT2 until the request is acknowledged.
INT2 becomes INTA0 when INT0 is configured in cas-
cade mode.
INTA0—When the microcontroller interrupt control unit
is operating in cascade mode, this pin indicates to the
system that the microcontroller needs an interrupt type
to process the interrupt request on INT0. The periph-
eral issuing the interrupt request must provide the mi-
crocontroller with the corresponding interrupt type.
INT3/INTA1/IRQ
Maskable Interrupt Request 3
(input, asynchronous)
Interrupt Acknowledge 1 (output, synchronous)
Slave Interrupt Request (output, synchronous)
INT3—This pin indicates to the microcontroller that an
interrupt request has occurred. If the INT3 pin is not
masked, the microcontroller then transfers program ex-
ecution to the location specified by the INT3 vector in
the microcontroller interrupt vector table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com